Electronic Components Datasheet Search
  English  ▼

X  

MP9148 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9148
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9148 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9148 Datasheet HTML 1Page - Monolithic Power Systems MP9148 Datasheet HTML 2Page - Monolithic Power Systems MP9148 Datasheet HTML 3Page - Monolithic Power Systems MP9148 Datasheet HTML 4Page - Monolithic Power Systems MP9148 Datasheet HTML 5Page - Monolithic Power Systems MP9148 Datasheet HTML 6Page - Monolithic Power Systems MP9148 Datasheet HTML 7Page - Monolithic Power Systems MP9148 Datasheet HTML 8Page - Monolithic Power Systems MP9148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP9148
6V, 1A, Low Quiescent Current
Dual, SYNC Buck Regulator
MP9148 Rev.1.0
www.MonolithicPower.com
1
11/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9148 is an internally-compensated,
1MHz fixed-frequency, dual PWM, synchronous,
step-down regulator. The MP9148 operates
from a 2.7V-to-6V input, generates an output
voltage as low as 0.608V, and has a 45µA
quiescent current that makes it ideal for
powering portable equipment that runs on a
single cell lithium-ion (Li+) battery.
The MP9148 integrates dual 100mΩ high-side
switches and 40mΩ synchronous rectifiers for
high efficiency without an external Schottky
diode. Peak-current mode control and internal
compensation limits the minimum number of
readily-available external components.
Fault-condition protections include cycle-by-cycle
current limiting and thermal shutdown.
The MP9148 is available in an 8-pin TSOT23-8
package.
FEATURES
• Dual 1A-Output Current
• >93% Peak Efficiency
• >80% Light-Load Efficiency
• Wide 2.7V-to-6V Operating Input Range
• 100mΩ and 40mΩ Internal Power MOSFET
• 1MHz Fixed Switching Frequency
• Adjustable Output from 0.608V to VIN
• 180° Phase-Shifted Operation
• 100% Duty-Cycle Operation
• 45µA Quiescent Current
• Cycle-by-Cycle Over-Current Protection
• Short-Circuit Protection with Hiccup Mode
• Thermal Shutdown
• Available in an 8-pin TSOT23-8 Package
APPLICATIONS
• Small/Handhold Devices
• DVD Drivers
• Portable Instruments
• Smartphones and Feature Phones
• Battery-Powered Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
COUT1
22 F
R1
806k
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
CIN
22 F
R2
412k
R3
806k
R4
825k
COUT2
22 F
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
MP9148
L1
1.5
L2
1.5
EN1
EN2
30
40
50
60
70
80
90
100
0.01
0.1
1


Similar Part No. - MP9148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9143DJ MPS-MP9143DJ Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
More results

Similar Description - MP9148

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
logo
Monolithic Power System...
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com