Electronic Components Datasheet Search
  English  ▼

X  

MMST2907A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST2907A
Description  60V PNP SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2907A Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST2907A Datasheet HTML 1Page - Diodes Incorporated MMST2907A Datasheet HTML 2Page - Diodes Incorporated MMST2907A Datasheet HTML 3Page - Diodes Incorporated MMST2907A Datasheet HTML 4Page - Diodes Incorporated MMST2907A Datasheet HTML 5Page - Diodes Incorporated MMST2907A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMST2907A
Document number: DS30081 Rev. 11 - 2
1 of 6
www.diodes.com
April 2016
© Diodes Incorporated
MMST2907A
60V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Features
BVCEO > -60V
IC = -600mA Collector Current
Epitaxial Planar Die Construction
Ultra-Small Surface Mount Package
Complementary NPN Type: MMST2222A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT323
Case Material: Molded Plastic,
“Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Status
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
MMST2907A-7-F
Active
AEC-Q101
K3F
7
8
3,000
MMST2907AQ-7
Active
Automotive
K3F
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
Code
X
Y
Z
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
Pin-Out Top View
SOT323
K3F = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: A = 2013)
M or M = Month (ex: 9 = September)
C
E
B


Similar Part No. - MMST2907A

ManufacturerPart #DatasheetDescription
logo
Rohm
MMST2907A ROHM-MMST2907A Datasheet
79Kb / 4P
PNP Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMST2907A DIODES-MMST2907A Datasheet
85Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MMST2907A BILIN-MMST2907A Datasheet
133Kb / 3P
PNP Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
MMST2907A RECTRON-MMST2907A Datasheet
615Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
More results

Similar Description - MMST2907A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT2907A DIODES-DMMT2907A Datasheet
220Kb / 7P
60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
DMMT2907A DIODES-DMMT2907A_15 Datasheet
220Kb / 7P
60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMDT2907A DIODES-MMDT2907A_15 Datasheet
243Kb / 5P
60V DUAL PNP SMALL SIGNAL TRANSISTOR IN SOT363
Rev 14
MMBT2907A DIODES-MMBT2907A_16 Datasheet
251Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 19
MMBT2907AT DIODES-MMBT2907AT_16 Datasheet
360Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMDT2907A DIODES-MMDT2907A_16 Datasheet
259Kb / 6P
60V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 16
MMST3904 DIODES-MMST3904_16 Datasheet
208Kb / 7P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 14
MMST3906 DIODES-MMST3906_16 Datasheet
405Kb / 6P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 10
2DA1774QQ DIODES-2DA1774QQ Datasheet
628Kb / 5P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT523
December 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com