Electronic Components Datasheet Search
  English  ▼

X  

MMST2907A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST2907A
Description  60V PNP SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2907A Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST2907A Datasheet HTML 1Page - Diodes Incorporated MMST2907A Datasheet HTML 2Page - Diodes Incorporated MMST2907A Datasheet HTML 3Page - Diodes Incorporated MMST2907A Datasheet HTML 4Page - Diodes Incorporated MMST2907A Datasheet HTML 5Page - Diodes Incorporated MMST2907A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMST2907A
Document number: DS30081 Rev. 11 - 2
3 of 6
www.diodes.com
April 2016
© Diodes Incorporated
MMST2907A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Collector-Base Breakdown Voltage
BVCBO
-60
V
IC = -10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -10µA, IC = 0
Collector Base Cutoff Current
ICBO
-10
nA
µA
VCB = -50V, IE = 0
VCB = -50V, IE = 0, TA = +125°C
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
ON CHARACTERISTICS (Note 8)
DC Current Gain
hFE
75
100
100
100
50



300

IC = -100µA, VCE = -10V
IC = -1mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -150mA, VCE = -10V
IC = -500mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.4
-1.6
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)

1.3
2.6
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
8
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
CIBO
30
pF
VEB = -2V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
200
MHz
VCE = -20V, IC = -50mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
tON
45
ns
VCC = -30V, IC = -150mA,
IB1 = -15mA
Delay Time
tD

10
ns
Rise Time
tR
40
ns
Turn-Off Time
tOFF

100
ns
VCC = -6V, IC = -150mA,
IB1 = IB2 = -15mA
Storage Time
tS

80
ns
Fall Time
tF

30
ns
Note:
8.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com