Electronic Components Datasheet Search
  English  ▼

X  

ZXTP19060CFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP19060CFF
Description  60V PNP MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP19060CFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP19060CFF
Document number: DS33734 Rev. 3 - 2
4 of 7
www.diodes.com
September 2016
© Diodes Incorporated
ZXTP19060CFF
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-60
-110
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage
(Base Open) (Note 11)
BVCEO
-60
-90
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.4
—
V
IE = -100µA
Emitter-Collector Breakdown Voltage
(Reverse Blocking)
BVECX
-7
-8.4
—
V
IE = -100µA; RBC < 1kΩ or
0.25V < VBC < -0.25V
Emitter-Collector Breakdown Voltage
(base open)
BVECO
-7
-8.8
—
V
IE = -100µA
Collector-Base Cut-Off Current
ICBO
—
<-1
—
-50
-0.5
nA
µA
VCB = -60V
VCB = -60V, TA = +100°C
Emitter-Base Cut-Off Current
IEBO
—
<-1
-50
nA
VEB = -5.6V
ON CHARACTERISTICS (Note 11)
Static Forward Current Transfer Ratio
hFE
200
160
30
350
280
50
500
—
—
—
IC = -100mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -4A, VCE = -2V
Collector-Emitter Saturation Voltage
VCE(sat)
—
-60
-140
-180
-75
-200
-270
mV
IC = -1A, IB = -100mA
IC = -1A, IB = -20mA
IC = -4A, IB = -400mA
Base-Emitter Saturation Voltage
VBE(sat)
—
-935
-1,050
mV
IC = -4A, IB = -400mA
Base-Emitter On Voltage
VBE(on)
—
-835
-950
mV
IC = -4A, VCE = -2V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
—
180
—
MHz
IC = -50mA, VCE = -10V,
f = 50MHz
Output Capacitance
Cobo
—
29.5
40
pF
VCB = -10V, f = 1MHz
Delay Time
td
—
24.3
—
ns
VCC = -10V,
IC = -500mA,
IB1 = -IB2 = -50mA
Rise Time
tr
—
13.2
—
ns
Storage Time
ts
—
456
—
ns
Fall Time
tf
—
68.2
—
ns
Note:
11. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com