Electronic Components Datasheet Search
  English  ▼

X  

ZXTP19060CFF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP19060CFF
Description  60V PNP MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CFF Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP19060CFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CFF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP19060CFF
Document number: DS33734 Rev. 3 - 2
1 of 7
www.diodes.com
September 2016
© Diodes Incorporated
ZXTP19060CFF
60V PNP MEDIUM POWER TRANSISTOR
Features
BVCEO > -60V
IC = -4A Continuous Collector Current
Low Saturation Voltage VCE(sat) < -75mV @ 1A
RCE(sat) = 45mΩ
hFE Characterised up to 4A
High hFE Min 160 @ 1A
1.5W Power Dissipation
Complementary NPN type: ZXTN19060CFF
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Description
This medium voltage PNP transistor is designed for applications
requiring high-gain and low-saturation voltage. The SOT23F package
is PIN compatible with the industry standard SOT23 footprint while
offering a lower profile and higher power dissipation for applications
where power density is of utmost importance.
Mechanical Data
Case: SOT23F
Case Material: Molded Plastic.
“Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.012 grams (Approximate)
Applications
High-Side Driver
Motor Drive
Load Disconnect Switch
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP19060CFFTA
AEC-Q101
1D9
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT23F
SOT23F
Device Symbol
Top View
Pin Configuration
Top View
1D9 = Product Type Marking Code
YW = Date Code Marking
Y = Year : 0~9
W = Week : A~Z : 1~26
a~z : 27~52
z represents 52 & 53 week
C
B
E
1D9
C
E
B


Similar Part No. - ZXTP19060CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19060CFF DIODES-ZXTP19060CFF Datasheet
462Kb / 8P
60V, SOT23F, PNP medium power transistor
OCTOBER 2007
logo
Zetex Semiconductors
ZXTP19060CFFTA ZETEX-ZXTP19060CFFTA Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19060CFFTA DIODES-ZXTP19060CFFTA Datasheet
462Kb / 8P
60V, SOT23F, PNP medium power transistor
OCTOBER 2007
ZXTP19060CFFTA DIODES-ZXTP19060CFFTA Datasheet
389Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23F
Rev 2
More results

Similar Description - ZXTP19060CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
ZXTP25060BFH ZETEX-ZXTP25060BFH Datasheet
388Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32070 Rev. 2 - 2
ZXTP2027F DIODES-ZXTP2027F Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP19060CFF DIODES-ZXTP19060CFF Datasheet
462Kb / 8P
60V, SOT23F, PNP medium power transistor
OCTOBER 2007
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com