Electronic Components Datasheet Search
  English  ▼

X  

MP9447 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9447
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9447 Datasheet HTML 1Page - Monolithic Power Systems MP9447 Datasheet HTML 2Page - Monolithic Power Systems MP9447 Datasheet HTML 3Page - Monolithic Power Systems MP9447 Datasheet HTML 4Page - Monolithic Power Systems MP9447 Datasheet HTML 5Page - Monolithic Power Systems MP9447 Datasheet HTML 6Page - Monolithic Power Systems MP9447 Datasheet HTML 7Page - Monolithic Power Systems MP9447 Datasheet HTML 8Page - Monolithic Power Systems MP9447 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP9447
High-Efficiency, Fast-Transient, 5A, 36V
Synchronous, Step-Down Converter
MP9447 Rev. 1.2
www.MonolithicPower.com
1
1/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9447 is a fully-integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution to achieve a 5A, continuous-output
current over a wide input-supply range with
excellent load and line regulation. It also
provides fast transient response and good
stability for wide input-supply and load range.
The MP9447 operates at high efficiency over a
wide output current load range.
Full protection features include SCP, OCP, UVP,
and thermal shutdown.
The MP9447 requires a minimal number of
readily-available, standard, external components,
and is available in a space-saving 3mm×4mm,
20-pin, QFN package.
FEATURES
 Wide 4.5V-to-36V Operating Input Range
 Guaranteed 5A, Continuous Output Current
 Internal 65mΩ High-Side, 30mΩ Low-Side
Power MOSFETs
 Proprietary Switching-Loss-Reduction
Technology
 1.5% Reference Voltage
 Programmable Soft-Start Time
 Low Drop-out Mode
 200kHz-to-650kHz Switching Frequency
 SCP, OCP, UVP, and Thermal Shutdown
 Output Adjustable from 0.8V to 0.9×VIN
 Available in a 3×4mm 20-pin QFN Package
APPLICATIONS
 General Consumer
 USB Power Supplies
 Cigarette Lighter Adapters
 Power Supply for Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9447

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9447GL MPS-MP9447GL Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results

Similar Description - MP9447

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4470-L-01A MPS-EV4470-L-01A Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9447-L-00A MPS-EV9447-L-00A Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com