Electronic Components Datasheet Search
  English  ▼

X  

MP9447 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9447
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9447 Datasheet HTML 7Page - Monolithic Power Systems MP9447 Datasheet HTML 8Page - Monolithic Power Systems MP9447 Datasheet HTML 9Page - Monolithic Power Systems MP9447 Datasheet HTML 10Page - Monolithic Power Systems MP9447 Datasheet HTML 11Page - Monolithic Power Systems MP9447 Datasheet HTML 12Page - Monolithic Power Systems MP9447 Datasheet HTML 13Page - Monolithic Power Systems MP9447 Datasheet HTML 14Page - Monolithic Power Systems MP9447 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP9447–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9447 Rev. 1.2
www.MonolithicPower.com
11
1/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
6
SW
FREQ
IN
DELAY
IN
OUT
10
F(kHz)
96 R
(k )
V
[t
(ns)]
VV


(3)
Where tDELAY is the comparator delay (~20ns).
The MP9447 is optimized for 200kHz-to-650kHz
applications
to
operate
at
high
switching
frequencies with high efficiency. The high-
switching frequency allows for smaller LC-filter
components to reduce PCB space requirements.
Ramp Compensation
Figure 4 and Figure 5 show jitter occurring in
both PWM mode and skip mode. Noise on VFB’s
downward slope causes the HS-FET ON time to
deviate from its intended position and produces
jitter. There is a relationship between system
stability and the steepness of the VFB ripple: The
slope steepness of the VFB ripple dominates
noise immunity. The magnitude of the VFB ripple
doesn’t affect the noise immunity directly.
Figure 4: Jitter in PWM Mode
Figure 5: Jitter in Skip Mode
Ceramic output capacitors lack enough ESR
ripple to stabilize the system, and requires an
external compensation ramp.
I
C4
I
FB
I
I
R4
I
FB
Figure 6: Simplified Circuit in PWM Mode with
External Ramp Compensation
In PWM mode has an equivalent circuit with HS-
FET
OFF
and
uses
a
external
ramp
compensation circuit (R4, C4), shown as a
simplified circuit in Figure 6. Derive the external
ramp from the inductor-ripple current. Choose C4,
R1, and R2 to meet the following condition:
12
SW
4
1
2
RR
11
2F
C
5
R
R

 


(4)
Then:
R4
C4
FB
C4
II
I
I

(5)
The VFB downward slope ripple is then estimated
as:
OUT
SLOPE1
44
V
V
RC
(6)
From equation 6, reduce R4 or C4 to reduce
instability in PWM mode. If C4 cannot be reduced
further due to equation 4’s limitations, then only
reduce R4. Based on bench experiments, VSLOPE1
is around 20V/ms-40V/ms.
In the case of POSCAP or other types of
capacitors with higher ESR, an external ramp is
not necessary.
Figure 7: Simplified Circuit in PWM Mode without
External Ramp Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com