Electronic Components Datasheet Search
  English  ▼

X  

MP9473 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP9473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9473 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP9473 Datasheet HTML 13Page - Monolithic Power Systems MP9473 Datasheet HTML 14Page - Monolithic Power Systems MP9473 Datasheet HTML 15Page - Monolithic Power Systems MP9473 Datasheet HTML 16Page - Monolithic Power Systems MP9473 Datasheet HTML 17Page - Monolithic Power Systems MP9473 Datasheet HTML 18Page - Monolithic Power Systems MP9473 Datasheet HTML 19Page - Monolithic Power Systems MP9473 Datasheet HTML 20Page - Monolithic Power Systems MP9473 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP9473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9473 Rev. 1.1
www.MonolithicPower.com
17
8/1/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Capacitor
The output capacitor maintains the DC-output
voltage. Use ceramic or POSCAP capacitors.
The output voltage ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C

 

(16)
Where,
RESR—The equivalent series resistance of the
output capacitor.
For ceramic capacitors, capacitance dominates
the impedance at the switching frequency. This is
the primary cause of the output-voltage ripple. To
simplify calculations, estimate the output-voltage
ripple as:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V

 
 
(17)
The output-voltage ripple caused by ESR is very
small, requiring an external ramp to stabilize the
system. The voltage ramp is ~30mV. The
external ramp is generated through R4 and C4
using the following equation:
IN
OUT
ON
RAMP
(V
V
) T
V
R4
C4

(18)
Select C4 to meet the following condition:
SW
R1 R2
11
()
2F
C4
5
R1 R2


(19)
For POSCAP capacitors, the ESR dominates the
impedance at the switching frequency. The ramp
voltage generated from the ESR is high enough
to stabilize the system. Therefore, an external
ramp is not needed. A minimum ESR value of
12mΩ is required to ensure stable operation of
the converter. To simplify calculations, the output
ripple can be approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V

 
(20)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching-input voltage. A larger inductance
results in less ripple current and a lower output-
ripple voltage. However, a larger inductance
results in a larger inductor, which is not only
physically larger, but has a higher series
resistance and/or lower saturation current. A
good rule for determining the inductor value is to
allow the peak-to-peak ripple current in the
inductor to be approximately 30% to 40% of the
maximum switch-current limit. Ensure that the
peak-inductor current is below the maximum
switch-current limit. The inductance value can be
calculated as:
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(21)
Where,
∆IL—The peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak-
inductor current can be calculated as:
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V

 
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com