Electronic Components Datasheet Search
  English  ▼

X  

MP9473 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP9473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9473 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP9473 Datasheet HTML 2Page - Monolithic Power Systems MP9473 Datasheet HTML 3Page - Monolithic Power Systems MP9473 Datasheet HTML 4Page - Monolithic Power Systems MP9473 Datasheet HTML 5Page - Monolithic Power Systems MP9473 Datasheet HTML 6Page - Monolithic Power Systems MP9473 Datasheet HTML 7Page - Monolithic Power Systems MP9473 Datasheet HTML 8Page - Monolithic Power Systems MP9473 Datasheet HTML 9Page - Monolithic Power Systems MP9473 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP9473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9473 Rev. 1.1
www.MonolithicPower.com
6
8/1/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
EN Threshold vs.
Junction Temperature
VIN=24V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50 -25
0
25
50
75 100 125
RISING
FALLING
PG Rising Threshold vs.
Junction Temperature
VIN=24V
0.895
0.897
0.899
0.901
0.903
0.905
-50 -25
0
25
50
75 100 125
PG Falling Threshold vs.
Junction Temperature
VIN=24V
0.845
0.847
0.849
0.851
0.853
0.855
-50 -25
0
25
50
75 100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com