Electronic Components Datasheet Search
  English  ▼

X  

MP9942 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP9942
Description  High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9942 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP9942 Datasheet HTML 13Page - Monolithic Power Systems MP9942 Datasheet HTML 14Page - Monolithic Power Systems MP9942 Datasheet HTML 15Page - Monolithic Power Systems MP9942 Datasheet HTML 16Page - Monolithic Power Systems MP9942 Datasheet HTML 17Page - Monolithic Power Systems MP9942 Datasheet HTML 18Page - Monolithic Power Systems MP9942 Datasheet HTML 19Page - Monolithic Power Systems MP9942 Datasheet HTML 20Page - Monolithic Power Systems MP9942 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP9942 – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP9942 Rev.1.1
www.MonolithicPower.com
17
8/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore requires a capacitor is to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Use ceramic
capacitors with X5R or X7R dielectrics for best
results because of their low ESR and small
temperature coefficients.
For most application, a 22µF ceramic capacitor is
sufficient to maintain the DC input voltage. And it
is strongly recommended to use another lower
value capacitor (e.g. 0.1µF) with small package
size (0603) to absorb high frequency switching
noise. Make sure place the small size capacitor
as close to IN and GND pins as possible (see
PCB LAYOUT section).
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The RMS
current in the input capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high quality ceramic
capacitor (e.g. 1μF) placed as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at input. The input voltage ripple
caused by capacitance can be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results, use
low ESR capacitors to keep the output voltage
ripple low. The output voltage ripple can be
estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated by:
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP9942 can be optimized for a wide range of
capacitance and ESR values.
BST Resistor and External BST Diode
A 20Ω resistor in series with BST capacitor is
recommended to reduce the SW spike voltage.
Higher resistance is better for SW spike
reduction, but will compromise the efficiency on
the other hand.
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high (>65%) or VIN is below 5V, and also help to
avoid BST voltage insufficient at light load PFM
operation. A power supply between 3.3V and 5V
can be used to power the external bootstrap
diode and VCC or VOUT is the good choice of
this power supply in the circuit as shown in
Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com