Electronic Components Datasheet Search
  English  ▼

X  

MP9942 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9942
Description  High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9942 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9942 Datasheet HTML 1Page - Monolithic Power Systems MP9942 Datasheet HTML 2Page - Monolithic Power Systems MP9942 Datasheet HTML 3Page - Monolithic Power Systems MP9942 Datasheet HTML 4Page - Monolithic Power Systems MP9942 Datasheet HTML 5Page - Monolithic Power Systems MP9942 Datasheet HTML 6Page - Monolithic Power Systems MP9942 Datasheet HTML 7Page - Monolithic Power Systems MP9942 Datasheet HTML 8Page - Monolithic Power Systems MP9942 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP9942
High Efficiency 2A, 36V, 410kHz
Synchronous Step-Down Converter
with Power Good
MP9942 Rev.1.1
www.MonolithicPower.com
1
8/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9942 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP9942 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP9942 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
 Wide 4V to 36V Continuous Operating Input
Range
 90mΩ/55mΩ Low RDS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode
Operation
 410kHz Switching Frequency
 Synchronizes from 200kHz to 2.2MHz
External Clock
 High Duty Cycle for Automotive Cold-crank
 Internal Power-Save Mode
 Internal Soft-Start
 Power Good Indicator
 Over-Current Protection with Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an 8-pin TSOT-23 package
APPLICATIONS
 Automotive
 Industrial Control System
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9942

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9942A MPS-MP9942A Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9942AGJ MPS-MP9942AGJ Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9942GJ MPS-MP9942GJ Datasheet
423Kb / 8P
High Efficiency 2A, 36V, 410kHz Sync. Step-Down Switch Evaluation Board With Power Good
More results

Similar Description - MP9942

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9943A MPS-MP9943A Datasheet
751Kb / 19P
High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MP9942A MPS-MP9942A Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9943 MPS-MP9943 Datasheet
693Kb / 20P
High Efficiency 3A Peak, 36V, Synchronous Step Down Converter With Power Good
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
EV9942-J-00A MPS-EV9942-J-00A Datasheet
423Kb / 8P
High Efficiency 2A, 36V, 410kHz Sync. Step-Down Switch Evaluation Board With Power Good
EV9943-Q-00A MPS-EV9943-Q-00A Datasheet
272Kb / 7P
High-Efficiency, 3A Peak, 36V, 410kHz Step-Down Converter with Power Good Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com