Electronic Components Datasheet Search
  English  ▼

X  

ADF4216 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4216
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4216 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4216 Datasheet HTML 3Page - Analog Devices ADF4216 Datasheet HTML 4Page - Analog Devices ADF4216 Datasheet HTML 5Page - Analog Devices ADF4216 Datasheet HTML 6Page - Analog Devices ADF4216 Datasheet HTML 7Page - Analog Devices ADF4216 Datasheet HTML 8Page - Analog Devices ADF4216 Datasheet HTML 9Page - Analog Devices ADF4216 Datasheet HTML 10Page - Analog Devices ADF4216 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
ADF4216/ADF4217/ADF4218
–7–
–400kHz
–200kHz
900MHz
+200kHz
+400kHz
VDD = 3V, VP = 5V
ICP = 4.375mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 35kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
REFERENCE
LEVEL = –4.2dBm
–89dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 7. ADF4218 RF Reference Spurs (900 MHz, 200 kHz,
35 kHz)
–400Hz
–200Hz
1750MHz
+200Hz
+400Hz
VDD = 3V, VP = 5V
ICP = 4.375mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 477ms
AVERAGES = 10
REFERENCE
LEVEL = –8.0dBm
–74dBc/Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 8. ADF4218 RF Phase Noise (1750 MHz, 30 kHz, 3 kHz)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 1.8
100Hz
FREQUENCY OFFSET FROM 1750MHz CARRIER
1MHz
1.8 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
TPC 9. ADF4218 RF Integrated Phase Noise (1750 MHz,
30 kHz, 3 kHz)
–80kHz
–40kHz
1750MHz
+40kHz
+80kHz
VDD = 3V, VP = 5V
ICP = 4.375mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 3Hz
VIDEO BANDWIDTH = 3Hz
SWEEP = 255 SECONDS
POSITIVE PEAK DETECT
MODE
REFERENCE
LEVEL = –5.7dBm
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–78dBc/Hz
TPC 10. ADF4218 RF Reference Spurs (1750 MHz,
30 kHz, 3 kHz)
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–180
–140
–150
–160
–170
–120
–130
10
VDD = 3V
VP = 5V
TPC 11. ADF4218 RF Phase Noise vs. PFD Frequency
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 3V
TPC 12. ADF4218 RF Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com