Electronic Components Datasheet Search
  English  ▼

X  

MP2011AGG Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2011AGG
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011AGG Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2011AGG Datasheet HTML 3Page - Monolithic Power Systems MP2011AGG Datasheet HTML 4Page - Monolithic Power Systems MP2011AGG Datasheet HTML 5Page - Monolithic Power Systems MP2011AGG Datasheet HTML 6Page - Monolithic Power Systems MP2011AGG Datasheet HTML 7Page - Monolithic Power Systems MP2011AGG Datasheet HTML 8Page - Monolithic Power Systems MP2011AGG Datasheet HTML 9Page - Monolithic Power Systems MP2011AGG Datasheet HTML 10Page - Monolithic Power Systems MP2011AGG Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2011A Rev. 1.0
www.MonolithicPower.com
7
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
CIN = 1μF, COUT = 4.7μF, VOUT=5V, TA = +25ºC, unless otherwise noted
Ground Current vs.
Load Current
MP2011A-33, V
IN=4.3V
0
30
60
90
120
150
LOAD CURRENT (mA)
Ground Current vs. V
IN
I
O=0mA
V
IN (V)
Dropout Voltage vs.
Load Current
V
OUT=3.3V
0
100
200
300
400
500
700
600
0
30
60
90
120
150
LOAD CURRENT(mA)
Dropout Voltage vs.
Load Current
0
100
200
300
400
500
600
0 15 30 45 60 75 90 105120135150
LOAD CURRENT(mA)
V
OUT vs. IOUT
V
IN=6V
4.98
4.99
5.00
5.01
5.02
5.03
5.04
0
25
50
75 100 125 150
I
OUT(mA)
V
IN (V)
V
OUT vs. VIN
V
O=5V
0
5
10
15
20
25
30
35
40
510
15
20
25
2.47
2.48
2.49
2.50
2.51
2.52
V
IN (V)
V
OUT vs. VIN
V
O=3.3V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
V
IN (V)
V
OUT vs. VIN
V
O=2.5V
V
IN (V)
V
OUT vs. VIN
V
O=1.8V
010
15
520
25
010
15
520
25
I
O=10mA
I
O=0mA
I
O=0mA
I
O=10mA
3.30
3.31
3.32
3.33
3.34
3.35
010
15
520
25
I
O=0mA
I
O=10mA
5.03
5.04
5.05
5.06
5.07
5.08
510
20
15
25
I
O=0mA
I
O=10mA
3
3.5
4
4.5
5
5.5
6
6.5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com