Electronic Components Datasheet Search
  English  ▼

X  

MP2011AGG Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2011AGG
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011AGG Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2011AGG Datasheet HTML 6Page - Monolithic Power Systems MP2011AGG Datasheet HTML 7Page - Monolithic Power Systems MP2011AGG Datasheet HTML 8Page - Monolithic Power Systems MP2011AGG Datasheet HTML 9Page - Monolithic Power Systems MP2011AGG Datasheet HTML 10Page - Monolithic Power Systems MP2011AGG Datasheet HTML 11Page - Monolithic Power Systems MP2011AGG Datasheet HTML 12Page - Monolithic Power Systems MP2011AGG Datasheet HTML 13Page - Monolithic Power Systems MP2011AGG Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2011A Rev. 1.0
www.MonolithicPower.com
14
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-6 (2mmx2mm)
SIDE VIEW
TOP VIEW
1
6
4
3
BOTTOM VIEW
1.90
2.10
0.65
0.85
1.90
2.10
1.25
1.45
0.65
BSC
0.20
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
0.70
0.65
0.25
RECOMMENDED LAND PATTERN
1.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VCCC.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
1.40
0.70
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.30
0.40
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com