Electronic Components Datasheet Search
  English  ▼

X  

MP2013A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2013A
Description  40V, 150mA, Low-Quiescent Current Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013A Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2013A Datasheet HTML 3Page - Monolithic Power Systems MP2013A Datasheet HTML 4Page - Monolithic Power Systems MP2013A Datasheet HTML 5Page - Monolithic Power Systems MP2013A Datasheet HTML 6Page - Monolithic Power Systems MP2013A Datasheet HTML 7Page - Monolithic Power Systems MP2013A Datasheet HTML 8Page - Monolithic Power Systems MP2013A Datasheet HTML 9Page - Monolithic Power Systems MP2013A Datasheet HTML 10Page - Monolithic Power Systems MP2013A Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP2013A - 40V, 150mA, LOW-QUIESCENT CURRENT LINEAR REGULATOR
MP2013A Rev. 1.03
www.MonolithicPower.com
7
10/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
TJ = +25°C, VEN=VIN, IOUT = 1mA, COUT = 1μF, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
FB Input Current
IFB
MP2013A-18, MP2013A-25,
MP2013A-33 and MP2013A-5,
VFB = 1.3V, VIN=6V, OUT Floating
0.9
1.3
1.6
μA
MP2013A,
VFB = 1.3V, VIN=6V, OUT Floating
-50
0
50
nA
Line Regulation
(6)
VIN = 2.5 to 40V,
IOUT = 1mA, OUT = FB
0.01
0.05
%/V
Load Regulation
(7)
MP2013AGQ-18,
IOUT=100μA to 150mA,
VIN= 2.8V to 6V
0.005
0.01
%/mA
MP2013AGQ-25,
IOUT=100uA to 150mA ,
VIN=3.5V to 6V
MP2013AGQ-33, MP2013AGG-33,
IOUT = 100μA to 150mA,
VIN=4.3V to 6V
MP2013AGQ, MP2013AGQ-5,
MP2013AGG, MP2013AGG-5,
IOUT = 100μA to 150mA,
VIN= 6V
Output Voltage PSRR
(8)
100Hz, CIN = 100pF, COUT = 4.7μF
IOUT=10mA, VIN=6V
58
dB
1kHz, CIN = 100pF, COUT = 4.7μF
IOUT=10mA, VIN=6V
41
dB
100kHz, CIN = 100pF, COUT = 4.7μF
IOUT=10mA, VIN=6V
55
dB
Startup Response Time
MP2013AGQ, MP2013AGG,
IOUT= 100mA,
COUT=6.8µF, VOUT= 5V
3
ms
MP2013AGQ-18,
IOUT=10mA,
COUT=6.8µF, VOUT=1.8V
1.1
MP2013AGQ-25,
IOUT=10mA,
COUT=6.8µF, VOUT=2.5V
1.5
MP2013AGQ-33, MP2013AGG-33,
IOUT= 10mA,
COUT=6.8µF, VOUT= 3.3V
1.8
MP2013AGQ-5, MP2013AGG-5,
IOUT= 10mA,
COUT=6.8µF, VOUT= 5V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com