Electronic Components Datasheet Search
  English  ▼

X  

MP2013A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2013A
Description  40V, 150mA, Low-Quiescent Current Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2013A Datasheet HTML 4Page - Monolithic Power Systems MP2013A Datasheet HTML 5Page - Monolithic Power Systems MP2013A Datasheet HTML 6Page - Monolithic Power Systems MP2013A Datasheet HTML 7Page - Monolithic Power Systems MP2013A Datasheet HTML 8Page - Monolithic Power Systems MP2013A Datasheet HTML 9Page - Monolithic Power Systems MP2013A Datasheet HTML 10Page - Monolithic Power Systems MP2013A Datasheet HTML 11Page - Monolithic Power Systems MP2013A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP2013A - 40V, 150mA, LOW-QUIESCENT CURRENT LINEAR REGULATOR
MP2013A Rev. 1.03
www.MonolithicPower.com
8
10/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
TJ = +25°C, VEN=VIN, IOUT = 1mA, COUT = 1μF, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
EN Rising Threshold
ENTH_R
VIN=2.5V to 40V
1.38
1.48
1.58
V
EN Falling Threshold
ENTH_F
VIN=2.5V to 40V
1.18
1.26
1.38
V
EN Input Current
IEN
VEN = 0V or 15V, VIN=2.5V to 40V
0.1
μA
Thermal Shutdown
(8)
TSD
150
165
C
Thermal Shutdown
Hysteresis
(8)
ΔT
SD
20
C
Notes:
6) Line Regulation=
IN(MAX )
IN(MIN)
OUT[ V
]
OUT[ V
]
IN(MAX)
IN(MIN)
OUT(NOM)
| V
V
|
(% / V)
(V
V
) V

7) Load Regulation=
OUT(MAX )
OUT(MIN)
OUT[I
]
OUT[I
]
OUT(MAX)
OUT(MIN)
OUT(NOM)
| V
V
|
(% / mA)
(I
I
) V

8) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com