Electronic Components Datasheet Search
  English  ▼

X  

COP413CH Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413CH
Description  Single-Chip CMOS Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413CH Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP413CH Datasheet HTML 1Page - National Semiconductor (TI) COP413CH Datasheet HTML 2Page - National Semiconductor (TI) COP413CH Datasheet HTML 3Page - National Semiconductor (TI) COP413CH Datasheet HTML 4Page - National Semiconductor (TI) COP413CH Datasheet HTML 5Page - National Semiconductor (TI) COP413CH Datasheet HTML 6Page - National Semiconductor (TI) COP413CH Datasheet HTML 7Page - National Semiconductor (TI) COP413CH Datasheet HTML 8Page - National Semiconductor (TI) COP413CH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
COP413CCOP413CH
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
6V
Voltage at Any Pin
b
03V to VCC a 03V
Total Allowable Source Current
25 mA
Total Allowable Sink Current
25 mA
Operating Temperature Range
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics 0 C s TA s a70 C unless otherwise specified
Parameter
Conditions
COP413C
COP413CH
Units
Min
Max
Min
Max
Operating Voltage
30
55
45
55
V
Power Supply Ripple (Notes 4 5)
01 VCC
01 VCC
V
Supply Current (Note 1)
VCC e 50V tc e Min
500
2000
m
A
VCC e 30V tc e Min
300
m
A
(tc is inst cycle)
HALT Mode Current (Note 2)
VCC e 50V FI e 0 kHz
30
30
m
A
VCC e 30V FI e 0 kHz
10
m
A
Input Voltage Levels
RESET CKI
Logic High
09 VCC
09 VCC
V
Logic Low
01 VCC
01 VCC
V
All Other Inputs
Logic High
07 VCC
07 VCC
V
Logic Low
02 VCC
02 VCC
V
RESET SI Input Leakage
b
1
a
1
b
1
a
1
m
A
Input Capacitance (Notes 5 6)
7
7
pF
Output Voltage Levels
(SO SK L Port)
Logic High
IOH eb10 mAVCC b 02
VCC b 02
V
Logic Low
IOL e 10 mA
02
02
V
Output Current Levels
Sink (Note 3)
VCC e Min VOUT e VCC
02
12
mA
Source (SO SK L Port)
VCC e Min VOUT e 0V
b
01
b
05
mA
Source (G Port)
VCC e Min VOUT e 0V
b
8
b
150
b
30
b
330
m
A
Allowable SinkSource
Current Per Pin (Note 3)
5
5
mA
TRI-STATE Leakage
Current
b
2
a
2
b
2
a
2
m
A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com