Electronic Components Datasheet Search
  English  ▼

X  

COP413CH Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413CH
Description  Single-Chip CMOS Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413CH Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP413CH Datasheet HTML 8Page - National Semiconductor (TI) COP413CH Datasheet HTML 9Page - National Semiconductor (TI) COP413CH Datasheet HTML 10Page - National Semiconductor (TI) COP413CH Datasheet HTML 11Page - National Semiconductor (TI) COP413CH Datasheet HTML 12Page - National Semiconductor (TI) COP413CH Datasheet HTML 13Page - National Semiconductor (TI) COP413CH Datasheet HTML 14Page - National Semiconductor (TI) COP413CH Datasheet HTML 15Page - National Semiconductor (TI) COP413CH Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
COP413C Instruction Set (Continued)
TABLE III COP413C Instruction Set
(Continued)
Hex
Machine
Mnemonic
Operand
Code
Language Code
Data Flow
Skip Conditions
Description
(Binary)
MEMORY REFERENCE INSTRUCTIONS
(Continued)
XDS
r
b
7
00 r 0111
RAM(B)
A
Bd decrements past 0
Exchange RAM with A
Bd–1
x Bd
and Decrement Bd
Br Z r
x Br
Exclusive-OR Br with r
XIS
r
b
4
00 r 0100
RAM(B)
A
Bd increments past 15
Exchange RAM with A
Bd a 1
x Bd
and Increment Bd
Br Z r
x Br
Exclusive-OR Br with r
REGISTER REFERENCE INSTRUCTIONS
CAB
50
0101 0000
A
x Bd
None
Copy A to Bd
CBA
4E
0100 1110
Bd
x A
None
Copy Bd to A
LBI
rd
–
00 r (d-1)
rd
x B
Skip until not a LBI
Load B Immediate with
(d e 0915)
rd
LEI
y
33
0011 0011
y
x EN
None
Load EN Immediate
6b
0010
y
TEST INSTRUCTIONS
SKC
20
0010 0000
C e ‘‘1’’
Skip if C is True
SKE
21
0010 0001
A e RAM(B)
Skip if A Equals RAM
SKGZ
33
0011 0011
G30 e 0
Skip if G is Zero
21
0010 0001
(all 4 bits)
SKGBZ
33
0011 0011
1st byte
Skip if G Bit is Zero
001
0000 0001
G0 e 0
111
0001 0001
2nd byte
G1 e 0
203
0000 0011
G2 e 0
313
0010 0011
*
G3 e 0
SKMBZ
0
01
0000 0001
RAM(B)0 e 0
Skip if RAM Bit is Zero
111
0001 0001
RAM(B)1 e 0
203
0000 0011
RAM(B)2 e 0
313
0001 0011
RAM(B)3 e 0
INPUTOUTPUT INSTRUCTIONS
ING
33
0011 0011
G
x A
None
Input G Ports to A
2A
0010 1010
INL
33
0011 0011
L74
x RAM(B)
None
Input L Ports to RAM A
2E
0010 1110
L30
x A
OMG
33
0011 0011
RAM(B)
x G
None
Output RAM to G Ports
3A
0011 1010
XAS
4F
0100 1111
A
SIO C
x SKL None
Exchange A with SIO
Note 1
The JP instruction allows a jump while in subroutine pages 2 or 3 to any ROM location within the two-page boundary of pages 2 or 3 The JP instruction
otherwise permits a jump to a ROM location within the current 64-word page JP may not jump to the last word of a page
Note 2
A JSRP transfers program control to subroutine page 2 (0010 is loaded into the upper 4 bits of P) A JSRP may not be used when in pages 2 or 3 JSRP
may not jump to the last word in page 2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com