Electronic Components Datasheet Search
  English  ▼

X  

MP3221 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3221
Description  2.7A, 1.2MHz, High-Efficiency Step-Up Converter With Input Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3221 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3221 Datasheet HTML 1Page - Monolithic Power Systems MP3221 Datasheet HTML 2Page - Monolithic Power Systems MP3221 Datasheet HTML 3Page - Monolithic Power Systems MP3221 Datasheet HTML 4Page - Monolithic Power Systems MP3221 Datasheet HTML 5Page - Monolithic Power Systems MP3221 Datasheet HTML 6Page - Monolithic Power Systems MP3221 Datasheet HTML 7Page - Monolithic Power Systems MP3221 Datasheet HTML 8Page - Monolithic Power Systems MP3221 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3221
2.7A, 1.2MHz, High-Efficiency
Step-Up Converter
With Input Disconnect
MP3221 Rev. 1.0
www.MonolithicPower.com
1
9/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP3221 is a 1.2MHz frequency, 6-pin
TSOT23
current
mode
step
up
converter
intended for small, low power applications. The
device can step up three-cell alkaline, NiCd,
and NiMH batteries, or a single-cell Li-on
battery up to 6V. It is capable of delivering 1A
output current at 5V with a supply voltage of 3V.
The MP3221 provides the internal soft start and
compensation
to
minimize
the
external
component
count
and
help
producing
a
compact solution. It integrates a FAULT driver
for external PMOS to disconnect the output
from input when the part shuts down or in
output short circuit condition. This disconnect
feature allows the output to be completely
discharged, thus allowing the part to draw less
than 1µA off current in shutdown mode.
The MP3221 is available in a small 6-pin
TSOT23 package.
FEATURES
 Integrated 88mΩ Power MOSFET
 270µA Quiescent Current
 2.5V to 6V Input Voltage
 3V to 6V Output Voltage
 1.2MHz Fixed Switching Frequency
 Internal 2.7A Switch Current Limit
 Integrated Input Disconnect Driver
 Internal Soft Start and Compensation
 True Output Disconnect from Input
 Under Voltage Lockout
 Short-Circuit Protection
 Over-Temperature Protection
 Available in a 6-Pin TSOT23-6 Package
APPLICATIONS
 Single-Cell Lion Battery or Three-Cell
Alkaline, NiCd, or NiMH Battery Based
Products
 Portable Media Players
 Wireless Peripherals
 Tablets and Smart Phones
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP3221

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3221GJ MPS-MP3221GJ Datasheet
628Kb / 7P
2.7A, 1.2MHz, Step up Converter With Input Disconnection EV board
More results

Similar Description - MP3221

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM8237 SAMHOP-SM8237 Datasheet
336Kb / 14P
1.2MHz STEP-UP CONVERTER
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
logo
Monolithic Power System...
EV3221-J-00A MPS-EV3221-J-00A Datasheet
628Kb / 7P
2.7A, 1.2MHz, Step up Converter With Input Disconnection EV board
logo
List of Unclassifed Man...
SX1308 ETC1-SX1308 Datasheet
849Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter 85T
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com