Electronic Components Datasheet Search
  English  ▼

X  

AMC Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AMC
Description  Thick Film Automotive Grade Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AMC Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AMC Datasheet HTML 1Page - Ohmite Mfg. Co. AMC Datasheet HTML 2Page - Ohmite Mfg. Co. AMC Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
12
AMC Series
Thick Film Automotive Grade Chips
The Ohmite AMC series is compliant with AEC-
Q200 specifications. These AEC-Q200 qualified
chips are ideal for automotive electronics and
other applications requiring great reliability. The
AMC chips are halogen free and RoHS compli-
ant reducing the effects on the environment.
The wide range of chip sizes offered makes
choosing the AMC series even easier.
Series
Power
Max.
Working
Voltage
Max.
Overload
Voltage
Dielec.
Withst.
Voltage
Resistance Range (by tolerance)
5.00%
1.00%
0.5%
AMC0201
1/20 W
25V
50V
50V
1-10MΩ
10-1MΩ
AMC0402
1/16 W
50V
100V
100V
1-22MΩ
1-10MΩ
AMC0603
1/10 W
75V
150V
150V
1-10MΩ
AMC0805
1/8 W
150V
300V
300V
1-10MΩ
10-1MΩ
AMC1206
1/4 W
200V
400V
500V
AMC1210
1/2 W
200V
500V
500V
AMC2010
3/4 W
200V
500V
500V
AMC2512
1 W
200V
500V
500V
Serie S Spe C ifi CAtion S
C h A r AC teri S ti CS
Operating
Temp. Range
-55℃ to +155℃
Rated
Voltage
The DC or AC (rms) continuous working voltage cor-
responding to the rated power is determined by the
following formula:
V = √(PxR)
or max. working voltage whichever is less, where:
V = Cont. rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Temperature
Coeff. of
Resistance
Resistance range
1Ω-10Ω
±200ppm
10Ω-10MΩ
±100ppm
10MΩ-22MΩ
±200ppm
24MΩ-100MΩ ±300ppm
Marking layer Protective glass
Overcoat
Ceramic substrate Inner electrode
Termination
(Ni/matte tin)
Resistive layer
100
Ambient Temperature, °C
60
20
0
80
40
-40
0
120 140 160
-20
-60
20
80 100
40 60
70°
-55°
155°
270°
190°
Time (sec.)
200
50
50
0
100
150
250
200
0
250
300
100
150
Preheating
ramp up
rate <3K/s
ramp up
rate <3K/s
ramp down
rate <6K/s
Construction
Derating
Soldering Conditions


Similar Part No. - AMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
Ultraminiature Product Series
logo
Conquer Electronics Co....
AMC CONQUER-AMC Datasheet
473Kb / 1P
Suitable for the telecommunications industry
logo
List of Unclassifed Man...
AMC-10 ETC-AMC-10 Datasheet
104Kb / 1P
Micro EM Clutch
AMC-1000 ETC2-AMC-1000 Datasheet
532Kb / 2P
Onboard 4 GB flash and graphics controller
More results

Similar Description - AMC

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
THICK FILM CHIP RESISTORS Precision grade
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
logo
Vishay Siliconix
RCA VISHAY-RCA Datasheet
99Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
THICK FILM CHIP RESISTORS Automotive Precision grade
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com