Electronic Components Datasheet Search
  English  ▼

X  

AMC Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # AMC
Description  Thick Film Automotive Grade Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AMC Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  AMC Datasheet HTML 1Page - Ohmite Mfg. Co. AMC Datasheet HTML 2Page - Ohmite Mfg. Co. AMC Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
14
AMC Series
Thick Film Automotive Grade Chips
tA pe A nd reel
(mm)
orderin G infor MAtion
D
A
N
C
W1
W2
E
F W
P2
P0
P1
D0
B0
A0
T
Paper/PE tape
Embossed/blister tape
E
F W
P2
P0
P1
D0
D1
B0
A0
T
cover tape
Direction
of feed
Paper/PE tape
Qty. per reel
Size
A0
B0
W
E
F
P0
P1
P2
ØD0
T
(178mm)
0201 0.35 ±0.10
0.65 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
2.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0 0.35 ±0.10*
10000
0402 0.65 ±0.10
1.15 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
2.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0
0.53 ±0.10
10000
0603 1.10 ±0.10
1.90 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
4.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0
0.70 ±0.10
5000
0805 1.65 ±0.10
2.40 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
4.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0
0.85 ±0.10
5000
1206 1.90 ±0.10
3.50 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
4.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0
0.85 ±0.10
5000
1210 2.80 ±0.10
3.50 ±0.10
8.0 ±0.20
1.75 ±0.10
3.5 ±0.05
4.0 ±0.10
4.0 ±0.05
2.0 ±0.05
1.5 +0.1/-0
0.85 ±0.10
5000
*For size 0201, the typical value of thickness (excluding cover tape) is 0.42 mm for paper tape and 0.33 mm for PE tape.
Embossed/blister tape
Size
A0
B0
W
E
F
P0
P1
P2
ØD0
ØD1
T
Qty/reel
2010 2.80 ±0.20 5.40 ±0.20 12 ±0.20 1.75 ±0.10 5.5 ±0.05
4.0 ±0.10
4.0 ±0.10
2.0 ±0.05 1.5 +0.1/-0 1.50 +0.25/-0 1.0 ±0.10
4000
2512 3.50 ±0.20 6.70 ±0.20 12 ±0.20 1.75 ±0.10 5.5 ±0.05
4.0 ±0.10
4.0 ±0.10
2.0 ±0.05 1.5 +0.1/-0 1.50 +0.25/-0 1.0 ±0.10
4000
1210 2.80 ±0.10 3.50 ±0.10 8.0 ±0.20 1.75 ±0.10 3.5 ±0.05
4.0 ±0.10
4.0 ±0.05
2.0 ±0.05 1.5 +0.1/-0 0.85 ±0.10
5000
Reel dimensions
Size
Qty./reel
8mm tape
12mm tape
A
N
C
D
W1
W2 max.
0201
10,000
7" (Ø178mm)
---
180 +0/-3
60 +1/-0
13.0 ±0.2
21.0 ±0.8
9.0 ±0.2
12.0 ±0.2
0402
10,000
7" (Ø178mm)
---
180 +0/-3
60 +1/-0
13.0 ±0.2
21.0 ±0.8
9.0 ±0.2
12.0 ±0.2
0603/0805/1206 5,000
7" (Ø178mm)
---
180 +0/-3
60 +1/-0
13.0 ±0.2
21.0 ±0.8
9.0 ±0.2
12.0 ±0.2
1210
5,000
7" (Ø178mm)
---
180 +0/-3
60 +1/-0
13.0 ±0.2
21.0 ±0.8
9.0 ±0.2
12.0 ±0.2
2010
4,000
---
7" (Ø178mm)
180 +0/-3
60 +1/-0
13.5 ±0.5
21.0 ±0.8
13.6 ±0.5
16.5 ±0.5
2512
4,000
---
7" (Ø178mm)
180 +0/-3
60 +1/-0
13.5 ±0.5
21.0 ±0.8
13.6 ±0.5
16.5 ±0.5
AMC0603J1K00E T
Part series
Automotive
chip
Size
RoHS Compliant
Tolerance
K =10%
J = 5%
F = 1%
D = 0.5%
Tape
& reel
Ohms
5% in E24
values, 1% and
lower tolerances
available in E24
and E96 values
rev 9/17-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com