Electronic Components Datasheet Search
  English  ▼

X  

EBW Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # EBW
Description  Manganin/Aluchrom Alloy Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

EBW Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  EBW Datasheet HTML 1Page - Ohmite Mfg. Co. EBW Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
4
EBW Series
Manganin/Aluchrom Alloy Current Sense
p E rformanc E data
Thermal Shock -65°C, 25°C, 125°C, 25°C 25cycles
±0.1%
Short Time Overload Rated Power X 5 for 5 secs.
±0.2%
Resistance to Soldering Heat 350°C 30 sec. or 250°C 10 min.
±0.2%
Moisture Resistance 90~98%RH,+25°C,+65°C,-10°C 10 cycles
±0.2%
High Temperature Exposure 140°C for 250 hours
±0.2%
Vibration High Frequency 15g 10 to 2000Hz 36 cycles
±0.2%
Inductance
<3nH
Load Life 90 min “ON” 30 min “OFF” for 2000 hours
±1.0%
The EBW Series are manufactured using electron
beam welding technology. This allows the joining of
different alloys with great accuracy and tolerance.
The EBW Series have heavy copper connectors,
excellent long term stability and low inductance.
These components can tolerate soldering tempera-
tures of 350C for 30 seconds or 250C for 10min.
These can be mounted using re-flow soldering or
welding on copper. The EBWA can handle a power
of 5W up to 100A at 0.5m
Ω. The EBWB can handle
a constant power of 7W at 0.2m
Ω and a continuous
load of 180A at 0.2m
Ω.
charact E ri S tic S
Tolerance ±1%(F), ±5%(J)
TCR 20°C-60°C
Max. ±200ppm/°C
Operating
Temperature
-55°C to 170°C
a pplica tion S
•Currentsensorsforhybridpowersources
•Frequencyconverters
•Highcurrentautomotiveapplications.
SE ri ES S p E cification S
Model
Power (W) Resistance (m
Ω)
Material
TCR (20°C - 60°C)
Weight (g)
EBWA-M
5
0.5
Manganin
±70ppm/°C
0.4081
4
1
Manganin
±50ppm/°C
0.1994
EBWA-N
4
2
Aluchrom Alloy
±50ppm/°C
0.2726
3
3
Aluchrom Alloy
±50ppm/°C
0.1832
2.5
4
Aluchrom Alloy
±50ppm/°C
0.1363
EBWB-M
7
0.2
Manganin
±100ppm/°C
1.5138
6
0.5
Manganin
±75ppm/°C
0.5652
EBWB-N
6
1
Aluchrom Alloy
±50ppm/°C
0.8573
4
2
Aluchrom Alloy
±50ppm/°C
0.4287
3.5
3
Aluchrom Alloy
±50ppm/°C
0.2858
Derating
Resistor Surface Temp., C
180
170°
(EBWB) 65°
85° (EBWA)
0
60
30
90
120
150
40
0
60
80
20
100
c E rtifica tion S
BN ES ISO 9001: 2008
ISO/TS 16949: 2009


Similar Part No. - EBW

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EBW OHMITE-EBW Datasheet
480Kb / 2P
Manganin-NiCr Current Sense
logo
Multicomp Pro
EBW-03-B MULTICOMP-EBW-03-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-04-B MULTICOMP-EBW-04-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-06-B MULTICOMP-EBW-06-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-07-B MULTICOMP-EBW-07-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
More results

Similar Description - EBW

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
XFMRS Inc.
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
Current Sense
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS_15 Datasheet
37Kb / 1P
CURRENT SENSE
XF7206-EE5CS XFMRS-XF7206-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
logo
Ohmite Mfg. Co.
EBW OHMITE-EBW Datasheet
480Kb / 2P
Manganin-NiCr Current Sense
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com