Electronic Components Datasheet Search
  English  ▼

X  

EBW Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # EBW
Description  Manganin/Aluchrom Alloy Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

EBW Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  EBW Datasheet HTML 1Page - Ohmite Mfg. Co. EBW Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
5
Land Pattern
EBW Series
Manganin/Aluchrom Alloy Current Sense
ord E ring information
Standard Part Numbers
EBWA-MR0005FE
EBWA-MR0010FE
EBWA-NR0020FE
EBWA-NR0030FE
EBWA-NR0040FE
EBWB-MR0002FE
EBWB-MR0005FE
EBWB-NR0010FE
EBWB-NR0020FE
EBWB-NR0030FE
dim E n S ion S
(in. / mm)
p ul SE E n E rgy/po WE r for continuou S op E ration
L
W
A
T
EBWA
0.394"
0.205"
0.079"
0.024"
10mm +.3/-.2
5.2mm +.3/-.2
2mm +0/-.5
0.6 max.
EBWB
0.591"
0.305"
0.165"
0.039"
15mm ±.2
7.75mm +.3/-.2
4.2mm +.1/-.7
1.0 max.
0.220"
5.6mm
0.630"
16mm
0.344" / 8.75mm
(0.244" / 6.2mm)
L
A
W
T max.
trimming area
electron
beam
welding
0.020"
0.5mm
Time (msec.)
EBWB
EBWA
1
0.01
10
100
0.1
1000
10,000
0.01
0.0001
0.1
1
0.001
10
100
1,000
10,000
0.01
0.0001
0.1
1
0.001
10
100
EBWA:
Max. curve is only valid for the resistance value 0.5m. The
min. curve is only valid for the resistance value 4m. For other resis-
tance values the area in between the max. and the min. curve is valid
EBWB:
Max. curve is only valid for the resistance value 0.2m. The
min. curve is only valid for the resistance value 2m. For other resis-
tance values the area in between the max. and the min. curve is valid
EBWA-MR0020FE T
Series
Electron
Beam Weld
Size
Alloy
M = Maganin
N = NiCr
Resistance Tolerance
F = 1%
J = 5%
Tape and reel
EBWA: 3000 pc/reel
EBWB: 2000 pc/reel
RoHS Compliant
Reel: ~12.95" (329mm)
Qty. per reel: EBWA: 3000pcs
EBWB: 2000pcs
15.70mm ±.10
11.00mm ±.10
0.30mm ±.10
2.00mm ±.10
2.00mm ±.10
1.75mm ±.10
1.75mm ±.10
11.50mm ±.10
7.50mm ±.10
12.00mm ±.10
24.00mm ±.30
16.00mm ±.30
10 pitch cumulative
tolerance on tape ±0.2
4.00mm ±.10
10 pitch cumulative
tolerance on tape ±0.2
4.00mm ±.10
Ø1.50mm +10/-0
Ø1.50mm +10/-0
8.00mm ±.10
8.00mm ±.10
EBWA
EBWB
5.50mm ±.10
2.10mm ±.10
2.10mm ±.10
Tape and Reel
rev 5/18-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com