Electronic Components Datasheet Search
  English  ▼

X  

MP3428 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3428
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3428 Datasheet HTML 12Page - Monolithic Power Systems MP3428 Datasheet HTML 13Page - Monolithic Power Systems MP3428 Datasheet HTML 14Page - Monolithic Power Systems MP3428 Datasheet HTML 15Page - Monolithic Power Systems MP3428 Datasheet HTML 16Page - Monolithic Power Systems MP3428 Datasheet HTML 17Page - Monolithic Power Systems MP3428 Datasheet HTML 18Page - Monolithic Power Systems MP3428 Datasheet HTML 19Page - Monolithic Power Systems MP3428 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP3428 Rev. 1.0
www.MonolithicPower.com
17
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
8. The input path consisting of C1, L1, SW,
PGND, BST path, and SDR path should be
as short as possible.
9. Place sufficient GND vias close to the IC for
good thermal dissipation.
10. Do NOT place vias into the SW net.
11. Use
a
4-layer
PCB
for
high-power
applications.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 1. Design Example
VIN
3-10V
VOUT
12V
IOUT
0-2A
The detailed application schematic is shown in
Figure 5. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com