Electronic Components Datasheet Search
  English  ▼

X  

MP3428 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3428
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3428 Datasheet HTML 8Page - Monolithic Power Systems MP3428 Datasheet HTML 9Page - Monolithic Power Systems MP3428 Datasheet HTML 10Page - Monolithic Power Systems MP3428 Datasheet HTML 11Page - Monolithic Power Systems MP3428 Datasheet HTML 12Page - Monolithic Power Systems MP3428 Datasheet HTML 13Page - Monolithic Power Systems MP3428 Datasheet HTML 14Page - Monolithic Power Systems MP3428 Datasheet HTML 15Page - Monolithic Power Systems MP3428 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP3428 Rev. 1.0
www.MonolithicPower.com
12
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP3428 is a 600kHz fixed-frequency, high-
efficiency, wide input range, current-mode
boost converter with optional internal or
external current-sensing configuration for high-
integration and high-power applications (see
Figure 1).
Boost Function
The MP3428 uses constant frequency, peak-
current mode, boost regulation architecture to
regulate the feedback voltage.
At the beginning of each cycle, the N-channel
MOSFET switch Q is turned on, forcing the
inductor current to rise. When floating MODE,
the current at the source of switch Q is
measured externally; then it is converted to a
voltage by the current-sense amplifier. That
voltage is compared to the error voltage on
COMP (which is an amplified version of the
difference between the 1.225V reference
voltage and the feedback voltage). When these
two voltages are equal, the PWM comparator
turns off switch Q. This forces the inductor
current into the output capacitor through the
external rectifier, causing the inductor current to
decrease.
The
peak-inductor
current
is
controlled by the voltage on COMP, which in
turn is controlled by the output voltage. To
satisfy the load, the output voltage is regulated
by
the
inductor
current.
Current
mode
regulation improves transient response and
control loop stability.
VDD Power
MP3428 is powered by VDD. A ceramic
capacitor no less than 2.2μF is required to
decouple VDD. During start-up, VDD power is
regulated by IN. Once the output voltage
exceeds the input voltage, VDD is powered
from VOUT (instead of VIN). This allows the
MP3428 to maintain low Ron and high
efficiency, even with low-input voltage.
Soft-Start (SS)
MP3428 uses one external capacitor on SS to
control SW frequency during start-up. The
operation frequency is initially ¼ of the normal
frequency. As the SS capacitor is charged, the
frequency increases continuously. When the
voltage on SS exceeds ~0.65V, the frequency
switches to a normal frequency. In addition, the
voltage on COMP is clamped within VSS+0.7V.
During start-up the COMP voltage
reaches
0.7V quickly, and then rises at the same rate of
VSS. These two mechanisms prevent high-
inrush current from the input power supply.
SDR and BST Function
The MP3428 generates a synchronous gate-
driving signal that complements the gate driver
of the internal MOSFET. The SDR driver is
powered from BST (5V, typically) and a low QG
N-channel MOSFET (a gate-source threshold
voltage lower than 3V is preferred). In high-
power applications, using a synchronous
rectifier switch improves overall conversion
efficiency. If a synchronous rectifier switch is
not used, float SDR.
The 5V driver power-bootstrap voltage is
powered from OUT. If output voltage is low (or
the duty cycle is too low), BST voltage may not
be regulated to 5V, triggering a BST_UVLO. A
schottky diode from an external 5V source to
BST is recommended, otherwise, the SDR
driver signal may be lost.
Current Sensing Configuration
The MP3428 offers the option of using the
internal circuit or an external resistor to sample
the inductor current. When using the internal
current sense, MODE must be connected
directly to GND before powering on. Meanwhile,
SENSE should be connected to IN. In this
configuration, sensed current is compared to
both the COMP voltage and
the limit peak
current cycle-by-cycle during an overload
condition.
When floating MODE, the inductor current is
sampled by an external sense resistor between
IN and SENSE. Under this configuration,
sensed current is compared with COMP for low-
side switch on/off control. However, the
overload is protected by the average inductor
current. When the sensed current signal
exceeds 54mV, COMP is pulled low to regulate
the boosted current. This causes the MP3428
to enter hiccup mode (after 1.1ms). The
MP3428 re-starts after about 60ms in hiccup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com