Electronic Components Datasheet Search
  English  ▼

X  

MP6003 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6003
Description  Monolithic Flyback/SEPIC DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6003 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6003 Datasheet HTML 4Page - Monolithic Power Systems MP6003 Datasheet HTML 5Page - Monolithic Power Systems MP6003 Datasheet HTML 6Page - Monolithic Power Systems MP6003 Datasheet HTML 7Page - Monolithic Power Systems MP6003 Datasheet HTML 8Page - Monolithic Power Systems MP6003 Datasheet HTML 9Page - Monolithic Power Systems MP6003 Datasheet HTML 10Page - Monolithic Power Systems MP6003 Datasheet HTML 11Page - Monolithic Power Systems MP6003 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP6003 – MONOLITHIC FLYBACK/SEPIC DC-DC CONVERTER
MP6003 Rev. 1.01
www.MonolithicPower.com
8
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
High Voltage Startup
The MP6003 features a 100V startup circuit,
see Figure 1. When power is applied, the
capacitor at the VCC pin is charged through the
VIN pin. When the voltage at the VCC pin
crosses 6.0V without fault, the controller is
enabled. The VCC pin is then disconnected
from the VIN pin and VCC voltage is discharged
via the operating current. When VCC drops to
4.5V, the VCC pin is reconnected to the VIN pin
and VCC will be recharged. The voltage at the
VCC pin repeats this ramp cycle between 4.5V
and 6.0V. VIN needs to be higher than 10V in
order to keep high voltage startup circuit
working properly. This can be guaranteed by
setting
input
UVLO ≥ 10V.
It
is
also
recommended that the capacitor at VCC pin be
no less than 1uF to achieve stable operation.
The VCC pin can be powered with a voltage
higher than 4.5V from an auxiliary winding to
reduce the power dissipated in the internal
start-up circuit. The VCC pin is internally
clamped at 8V.
Under-Voltage and Over-Voltage Detection
The MP6003 includes a line monitor circuit.
Two external resistors form a voltage divider
from the input voltage to GND; its tap connects
to the LINE pin. The controller is operational
when the voltage at the UV/OV pin is between
1.2V and 3V. When the voltage at the UV/OV
pin goes out of this operating range, the
controller is disabled and goes into standby
mode. The LINE pin can also be used as a
remote enable. Grounding the UV/OV pin will
disable the controller.
Error Amplifier
The MP6003 includes an error amplifier with its
non-inverting input connected to internal 1.2V
reference voltage. The regulated voltage is fed
back through a resistor network or an
optocoupler to the FB pin. Figure 2 shows some
common error amplifier configurations.
--
+
1.2V
FB
C2
C3
R3
COMP
VCC
C1
PRIMARY
WINDING
R1
R2
D1
EA
34
6
--
+
1.2V
FB
COMP
VCC
C2
R2
R3
(a) Using Primary winding to provide feedback
(b) Feedback is from Secondary (Common Collector)
EA
34
6
Figure 2—Error Amplifier Configurations
Synchronize Programmable Oscillator
The MP6003 oscillating frequency is set by an
external resistor from the RT pin to ground. The
value of RT can be calculated from:
S
f
550kHz
10kΩ
RT
×
=
The MP6003 can be synchronized to an
external clock pulse. The frequency of the clock
pulse must be higher than the internal oscillator
frequency. The clock pulse width should be
within 50ns to 150ns. The external clock can be
coupled to the RT pin with a 100pF capacitor
and a peak level greater than 3.5V.
Duty Cycle Limiting with Line Feed Forward
The MP6003 has a DMAX (maximum duty cycle)
limit at 67.5% when the LINE pin voltage is
equal to 1.3V. As VLINE increases, DMAX reduces.
Maximum duty cycle can be calculated by:
%
100
V
V
7
.
2
V
7
.
2
D
LINE
MAX
×
⎥
⎦
⎤
⎢
⎣
⎡
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com