Electronic Components Datasheet Search
  English  ▼

X  

MP6003 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6003
Description  Monolithic Flyback/SEPIC DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6003 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6003 Datasheet HTML 1Page - Monolithic Power Systems MP6003 Datasheet HTML 2Page - Monolithic Power Systems MP6003 Datasheet HTML 3Page - Monolithic Power Systems MP6003 Datasheet HTML 4Page - Monolithic Power Systems MP6003 Datasheet HTML 5Page - Monolithic Power Systems MP6003 Datasheet HTML 6Page - Monolithic Power Systems MP6003 Datasheet HTML 7Page - Monolithic Power Systems MP6003 Datasheet HTML 8Page - Monolithic Power Systems MP6003 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6003
Monolithic Flyback/SEPIC
DC-DC Converter
MP6003 Rev. 1.01
www.MonolithicPower.com
1
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6003 is a monolithic flyback DC-DC
converter which includes a 150V power switch
and is capable of delivering up to 15W output
power. It can also be used for SEPIC boost and
Flyback and Forward applications.
The MP6003 uses the fixed-frequency peak
current mode primary controller architecture. It
has an internal soft-start, auto-retry, and
incorporates over current, short circuit, and
over-voltage protection. The MP6003 can also
skip cycles to maintain zero load regulation.
It has a direct optocoupler interface which
bypasses the internal error amplifier when an
isolated output is desired.
The MP6003 is ideal for telecom applications,
and is available in a compact, thermally
enhanced SOIC8 package with an exposed pad.
FEATURES
• Integrated 0.9Ω 150V Power Switch
• Cycle-by-Cycle Current Limiting
• Programmable Switching Frequency
• Duty Cycle Limiting with Line Feed Forward
• Integrated 100V Startup Circuit
• Internal Slope Compensation
• Disable Function
• Built-in Soft-Start
• Line Under Voltage Lockout
• Line Over Voltage Protection
• Auto-Restart for Opened/Shorted Output
• Zero Load Regulation
• Thermal Shutdown
APPLICATIONS
• Telecom Equipment
• VoIP Phones, Power over Ethernet (PoE)
• Distributed Power Conversion
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6003

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6003-N MPS-MP6003-N Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6003

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
Monolithic Flyback/Forward DC-DC Converter
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
logo
Texas Instruments
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
logo
Monolithic Power System...
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com