Electronic Components Datasheet Search
  English  ▼

X  

MP6004 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 14Page - Monolithic Power Systems MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems MP6004 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
18
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
capability is about 1.2 mA. If the auxiliary
winding power voltage is higher than 6.2 V
(especially in a heavy-load condition), a series
resistor (R8) is necessary to limit the current to
VCC. For simple application, supply the VCC
power through the internal LDO directly.
Output Voltage Setting
In MP6004, there are two feedback pins for
different application modes.
In flyback mode, the converter detects the
auxiliary winding voltage from FB1. R1 and R2
are the resistor dividers for the feedback
sampling (see Figure 6).
GND
FB1
Na
R1
R2
Figure 6—Feedback in isolation application
When the primary-side power MOSFET turns
off, the auxiliary-winding voltage is sampled.
The output voltage is estimated with Equation
(12):
S
REF1
1
2
OUT
D1F
2A
N
V(R
R )
VV
RN
×+
=×
−
(12)
Where,
NS is the transformer secondary-side winding
turns.
NA is the transformer auxiliary winding turns.
VD1F is the rectifier diode forward drop.
VREF1 is the reference voltage of FB1 (1.99 V,
typically).
When the primary-side power MOSFET turns
on, the auxiliary winding forces a negative
voltage to FB1. The FB1 voltage is clamped to
less than -0.7 V internally, but the clamp current
should be limited to less than -0.5 mA by R1.
For example, if the auxiliary winding forces
-11 V to R1 (to make the current flowing from
FB1 to R1 lower than -0.5 mA), R1 resistance
must be higher than 22 kΩ (if ignoring R2
current).
Generally, select R2 with a 10 kΩ to 50 kΩ
resistor
to
limit
noise
and
provide
an
appropriate R1 for the -0.5 mA negative current
limit.
In buck application, the feedback pin is FB2.
The output voltage can be estimated with
Equation (13):
12
OUT
REF2
2
RR
VV
R
+
=−
×
(13)
Where, VREF2 is the reference voltage of FB2
-1.88 V, typically.
Maximum Switching Frequency
When MP6004 works in DCM, the frequency
reaches its maximum value during a full-load
condition. The maximum frequency is affected
by the peak current limit, the inductance, and
the input/output voltage. Generally, design the
maximum frequency lower than 200 kHz.
In buck mode, the maximum frequency occurs
when the buck runs in critical conduction mode.
The frequency can be calculated with Equation
(14):
IN
OUT
OUT
SW _ MAX
LIM
IN
(V
V
) V
F
IL V
−×
=
××
(14)
Where, ILIM is the IPK set by the current limit
resistor.
With a lighter load, the frequency is lower than
the maximum frequency above.
In
flyback
mode,
design
the
maximum
frequency with the minimum input voltage and
the maximum load condition. Calculate the
frequency with Equation (15):
SW
ON
CON
DELAY
1
F
TT
T
≤
++
(15)
Where:
TON is the MOSFET one pulse turn-on time
determined with Equation (16):
LIM
M
ON
IN
IL
T
V
×
=
(16)
LM
is
the
transformer
primary-winding
inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com