Electronic Components Datasheet Search
  English  ▼

X  

MP8757 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8757
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8757 Datasheet HTML 13Page - Monolithic Power Systems MP8757 Datasheet HTML 14Page - Monolithic Power Systems MP8757 Datasheet HTML 15Page - Monolithic Power Systems MP8757 Datasheet HTML 16Page - Monolithic Power Systems MP8757 Datasheet HTML 17Page - Monolithic Power Systems MP8757 Datasheet HTML 18Page - Monolithic Power Systems MP8757 Datasheet HTML 19Page - Monolithic Power Systems MP8757 Datasheet HTML 20Page - Monolithic Power Systems MP8757 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
19
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
9
SW
17
16
14
EN
PGND
VCC
13
PG
VIN
12
15
GND
19
VIN
20
PGND
21
PGND
1
2
3
5
6
7
8
4
To
AGND
11
10
VOUT
AGND KELVIN
CONNECT TO PGND
AT VCC CAP
VIN
VOUT
DO NOT CONNECT
TO PGND HERE
FB
At least two layers should be applied for Vin
and PGND and place >20 vias close to the
part for a better thermal performance
18
PGND
AGND
AGND
--Top Layer
--Via
--Bottom Layer
--Inner PGND Layer
--Inner Layer2
--Via For AGND
PGND
BST
NC
NC
NC
NC
Figure 13
—Recommend Layout
Recommend Design Example
Some design examples are provided below when
the ceramic capacitors are applied:
Table 2
—Design Example
VOUT
(V)
Cout
(F)
L
(
μH)
R4
(
Ω)
C4
(F)
R1
(k
Ω)
R2
(k
Ω)
1.05
22
μx3
1.2
NS
220p
59
82
1.2
22
μx3
1.2
NS
220p
100
102
1.35
22
μx3
1.2
NS
220p
100
82
3.3
22ux4
2
1M
220p
88.7
18
5
22ux4
2
1M
220p
150
18
The detailed application schematic is shown in
Figure 14 and Figure 15 for 1.35V and 5V
applications when low ESR caps are applied.
The typical performance and circuit waveforms
have been shown in the Typical Performance
Characteristics
section.
For
more
possible
applications of this device, please refer to related
Evaluation Board Data Sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com