Electronic Components Datasheet Search
  English  ▼

X  

MP8757 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8757
Description  High Efficiency, 7A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8757 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8757 Datasheet HTML 13Page - Monolithic Power Systems MP8757 Datasheet HTML 14Page - Monolithic Power Systems MP8757 Datasheet HTML 15Page - Monolithic Power Systems MP8757 Datasheet HTML 16Page - Monolithic Power Systems MP8757 Datasheet HTML 17Page - Monolithic Power Systems MP8757 Datasheet HTML 18Page - Monolithic Power Systems MP8757 Datasheet HTML 19Page - Monolithic Power Systems MP8757 Datasheet HTML 20Page - Monolithic Power Systems MP8757 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
MP8757–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8757 Rev. 1.0
www.MonolithicPower.com
20
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION
FB
BST
VIN
PG
SW
EN
MP8757
PGND
VOUT
VCC
GND
22μF
VIN
5-18V
1.35V
4.7Ω
220nF
499kΩ
100kΩ
1μF
82kΩ
100kΩ
22μFx3
1.2μH
22μF
Ceramic
Cap
NS
220pF
499Ω
VOUT
AGND
Figure 14
— Typical Application Circuit with Low ESR Ceramic Output Capacitor
VIN=5-18V, VOUT=1.35V
EN
FB
BST
VIN
PG
SW
MP8757
PGND
VOUT
VCC
GND
22μF
VIN
7-18V
5V
4.7Ω
220nF
499kΩ
100kΩ
1μF
18kΩ
150kΩ
22μFx4
2μH
22μF
Ceramic
Cap
220pF
499Ω
1MΩ
Figure 15 – Typical Application Circuit with Low ESR Ceramic Output Capacitor
VIN=7-18V, VOUT=5V
AGND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com