Electronic Components Datasheet Search
  English  ▼

X  

LC7940YC Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC7940YC
Description  Dot-matrix LCD Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7940YC Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC7940YC Datasheet HTML 5Page - Sanyo Semicon Device LC7940YC Datasheet HTML 6Page - Sanyo Semicon Device LC7940YC Datasheet HTML 7Page - Sanyo Semicon Device LC7940YC Datasheet HTML 8Page - Sanyo Semicon Device LC7940YC Datasheet HTML 9Page - Sanyo Semicon Device LC7940YC Datasheet HTML 10Page - Sanyo Semicon Device LC7940YC Datasheet HTML 11Page - Sanyo Semicon Device LC7940YC Datasheet HTML 12Page - Sanyo Semicon Device LC7940YC Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LC7940YC, LC7941YC
No. 6157—11/13
100 x 240-pixel LCD Panel Application
A 100
× 240–pixel LCD panel requires the following
drivers.
• 3 x LC7940YC (or LC7941YC) drivers
• 2 x LC7942YC drivers
An example using l/l00 duty cycle is shown below.
1. The LC7942YC chips are cascaded by connecting
DIO64 on chip I to DIO1 on chip 2. For a 100–bit shift
register, O37 to O64 on chip 2 are left open.
2. The LC7940YC (or LC7941YC) chips are cascaded by
connecting CDO on chip I to CDI on chip 2, and CDO
on chip 2 to CDI on chip 3. CDI on chip I is tied to
GND, and CDO on chip 3 is not used. This
configuration allows the input of 240–bit serial data.
Frame Signal
1,1
2,1
63,1
64,1
65,1
66,1
100,1
DI01
01
RS/LS 02
LC7942YC
#1
063
DI064
064
DI01
01
RS/LS 02
LC7942YC
#2
036
DI064
1,2
2,2
63,2
64,2
65,2
66,2
100,2
1,79
100,79
1,80
64,80
65,80
100,80
1,81
64,81
65,81
100,81
1,82
100,82
1,160
64,160
65,160
100,160
1,161
64,161
65,161
100,161
1,240
2,240
64,240
65,240
100,240
CP
M
CP
M
01
O37 to O64
are open.
02
LC7940YC
(LC7941YC)
079
#1
080
CDO
CDI
---
---
---
---
LCD Panel (100
× 240 pixels)
1,79
(m,n) : pixel address
Segment line (n)
Common line (m)
01
02
LC7940YC
(LC7941YC)
#2
080
CDO
CDI
01
LC7940YC
(LC7941YC)
#2
080
CDO
CDI
---
---
---
---
---
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com