Electronic Components Datasheet Search
  English  ▼

X  

LC7940YC Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC7940YC
Description  Dot-matrix LCD Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7940YC Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC7940YC Datasheet HTML 5Page - Sanyo Semicon Device LC7940YC Datasheet HTML 6Page - Sanyo Semicon Device LC7940YC Datasheet HTML 7Page - Sanyo Semicon Device LC7940YC Datasheet HTML 8Page - Sanyo Semicon Device LC7940YC Datasheet HTML 9Page - Sanyo Semicon Device LC7940YC Datasheet HTML 10Page - Sanyo Semicon Device LC7940YC Datasheet HTML 11Page - Sanyo Semicon Device LC7940YC Datasheet HTML 12Page - Sanyo Semicon Device LC7940YC Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LC7940YC, LC7941YC
No. 6157—13/13
This catalog provides information as of June, 1999. Specifications and information herein are subject to
change without notice.
s
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
s
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give
rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that
could cause damage to other property. When designing equipment, adopt safety measures so that these
kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits
and error prevention circuits for safe design, redundant design, and structural design.
s
In the event that any or all SANYO products(including technical data,services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products
must not be exported without obtaining the export license from the authorities concerned in accordance
with the above law.
s
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Electric Co. , Ltd.
s
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for
the SANYO product that you intend to use.
s
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no
guarantees are made or implied regarding its use or any infringements of intellectual property rights or
other rights of third parties.
Segment Data Not Multiples of 4
Example.
If this timing data is sent, data elements (m, 229), (m,
230), (m+1, 229), (m+1. 230)... will not appear in the
output (O69 and O70 on chip 3). This is because the
LC7940YC (or LC7941YC) converts serial/parallel data
in 4–bit units, which also decreases power dissipation . For
data that is not a multiple of 4, like 230, the following
scheme is used.
In this case, (m, 231) is output on O71 on chip 3, and (m,
232) on O72 on chip 3. However, these outputs are not
connected to the panel and are, therefore, invalid.
LCD panel (100
× 230 pixels)
01
080
---
LC7940YC
#1
01
080
LC7940YC
#2
---
01
070
LC7940YC
#3
LOAD
SDI
m,1
m,2
,228
m,229
m,230
m+1,1
m+1,2
m+1,229 m+1,230
,228
---
LOAD
SDI
m,1
m,2
,228
m,229
m,230
m,231
m,232
Dummy data
Valid display data
Multiple of 4
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com