Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCV
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9801CCV Datasheet HTML 1Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 2Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 3Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 4Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 5Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 6Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 7Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 8Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Electrical Characteristics (Continued)
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD ea50VDC VD(IO) ea50 or
a
30VDC REF IN ea1225VDC fMCLK e 20 MHz RS e 25X All LSB units are ADC LSBs unless otherwise specified
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 7 8 and 11)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
SYSTEM CHARACTERISTICS
Full Channel Gain Error
VGA Gain e 1 PGA Gain e 1
g
06
g
30
% (max)
VOS1
Pre-PGA Offset Error
VGA Gain e 1 Offset DAC e 0
g
1
LSB
VOS2
Post-PGA Offset Error
Offset Add e 0
g
1
LSB
REFERENCE AND ANALOG INPUT CHARACTERSTICS
OS Input Capacitance
5
pF
OS Input Leakage Current
Measured with OS e 245VDC
2
20
nA (max)
RREF
ADC Reference Ladder (REF OUTHI to
950
500
X
(min)
REF IN) Impedance
1400
X
(max)
REF IN
Reference Voltage (Note 13)
1225
119
V (min)
126
V (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD ea50VDC VD(IO) ea50 or
a
30VDC REF IN ea1225VDC fMCLK e 20 MHz Rs e 25X Boldface limits apply for TA e TJ e TMIN to TMAX all
other limits TA e TJ e 25 C (Notes 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
CD0 – CD7 MCLK SYNC SDI SCLK CS RD DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical ‘‘1’’ Input Voltage
VD(IO) e 525V
20
V (min)
VD(IO) e 36V
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
VD(IO) e 475V
08
V (max)
VD(IO) e 27V
07
V (max)
IIN
Input Leakage Current
VIN e VD
01
m
A
VIN e DGND
b
01
m
A
CIN
Input Capacitance
5
pF
DD0 – DD7 EOC CCLK SDO DIGITAL OUTPUT CHARACTERISTICS
VOUT(1)
Logical ‘‘1’’ Output Voltage
VD(IO) e 475V IOUT eb360 mA
24
V (min)
VD(IO) e 475V IOUT eb10 mA
44
V (min)
VD(IO) e 27V IOUT eb360 mA
21
V (min)
VD(IO) e 27V IOUT eb10 mA
25
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VD(IO) e 525V IOUT e 16 mA
04
V (max)
VD(IO) e 36V IOUT e 16 mA
04
V (max)
IOUT
TRI-STATE Output Current
VOUT e DGND
01
m
A
(DD0 – DD7 only)
VOUT e VD
b
01
m
A
COUT
TRI-STATE Output Capacitance
5
pF
w1 w2 RS TR DIGITAL OUTPUT CHARACTERISTICS
VOUT(1)
Logical ‘‘1’’ Output Voltage
VD e 475V IOUT eb360 mA
24
V (min)
VD e 475V IOUT eb10 mA
44
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VD e 525V IOUT e 16 mA
04
V (max)
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com