Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCV
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9801CCV Datasheet HTML 1Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 2Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 3Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 4Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 5Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 6Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 7Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 8Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLH12814
June 1996
LM9801 8-Bit Greyscale24-Bit Color Linear
CCD Sensor Processor
General Description
The LM9801 is a high performance integrated signal proc-
essordigitizer for linear CCD image scanners The LM9801
performs all the analog processing (correlated double sam-
pling for black level and offset compensation pixel-by-pixel
gain (shading) correction and 8-bit analog-to-digital conver-
sion) necessary to maximize the performance of a wide
range of linear CCD sensors
The LM9801 can be digitally programmed to work with a
wide variety of CCDs from different manufacturers An inter-
nal configuration register sets CCD and sampling timing to
maximize performance simplifying the design and manufac-
turing processes
The LM9801 can be used with parallel output color CCDs A
signal inversion mode eases use with CIS sensors For com-
plementary voltage reference see the LM4041
Applications
Y
Color and Greyscale Flatbed and Sheetfed Scanners
Y
Fax and Multifunction Peripherals
Y
Digital Copiers
Y
General Purpose Linear CCD Imaging
Features
Y
25 Million pixelss conversion rate
Y
Pixel-rate shading correction for individual pixels maxi-
mizes dynamic range and resolution even on ‘‘weak’’
pixels
Y
Implements Correlated Double Sampling for minimum
noise and offset error
Y
Reference and signal sampling points digitally con-
trolled in 25 ns increments for maximum performance
Y
Generates all necessary CCD clock signals
Y
Compatible with a wide range of linear CCDs
Y
Supports some Contact Image Sensors (CIS)
Y
TTLCMOS inputoutput compatible
Key Specifications
Y
Resolution
8 Bits
Y
Pixel Conversion Rate
25 MHz
Y
Supply Voltage
a
5V g 5%
Y
Supply Voltage (Digital IO)
a
33V g 10% or a5V g 5%
Y
Power Dissipation
230 mW (max)
Connection Diagrams
TLH12814 – 1
TLH12814 – 2
Ordering Information
Commercial (0 C s TA s a70 C)
Package
LM9801CCV
V52A 52-Pin Plastic Leaded Chip Carrier
LM9801CCVF
VEG52A 52-Pin Thin Quad Flatpack
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
SPITM is a trademark of Motorola Inc
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Similar Part No. - LM9801CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9800 NSC-LM9800 Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
LM9800CCV NSC-LM9800CCV Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
More results

Similar Description - LM9801CCV

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
logo
National Semiconductor ...
LM9811 NSC-LM9811 Datasheet
605Kb / 36P
10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
LM9812 NSC-LM9812 Datasheet
479Kb / 37P
LM9812 30-Bit Color Linear CCD Sensor Processor
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
logo
Sony Corporation
ILX516K SONY-ILX516K Datasheet
132Kb / 11P
3648 X 3pixel CCD Linear Sensor (Color)
ILX522K SONY-ILX522K Datasheet
180Kb / 12P
2048 X 2pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
2700 X 3pixel CCD Linear Sensor (Color)
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
logo
National Semiconductor ...
LM9800 NSC-LM9800 Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com