Electronic Components Datasheet Search
  English  ▼

X  

LVR Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # LVR
Description  Low-TCR Current Sense Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

LVR Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  LVR Datasheet HTML 1Page - Ohmite Mfg. Co. LVR Datasheet HTML 2Page - Ohmite Mfg. Co. LVR Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
14
LVR Series
Low-TCR Current Sense Chips
tape and R ee L
(mm)
o R de R in G info R mation
D
A
N
C
W1
W2
E
F W
P2
P0
P1
D0
B0
A0
T
cover
tape
Paper/PE tape
Qty. per reel
Size
A0
B0
W
E
F
P0
P1
P2
ØD0
T
(178mm)
0201 0.35 ±0.10 0.65 ±0.10 8.0 ±0.20 1.75 ±0.10 3.5 ±0.05
4.0 ±0.10
2.0 ±0.05
2.0 ±0.05 1.5 +0.1/-0 0.35 ±0.10*
10,000
0402 0.59 ±0.10 1.10 ±0.10 8.00 ±0.10 1.75 ±0.10 3.50 ±0.10 4.00 ±0.10 4.00 ±0.10 2.00 ±0.10 1.55 ±0.05 0.48 ±0.03
10,000
Reel dimensions
Qty./reel
8mm tape
A
N
C
D
W1
W2 max.
10,000
7" (Ø178mm)
178.0 ±1.0
60.0 +1/-0
13.50 ±0.5
21.0 ±0.8
9.0 ±0.5
12.0 ±0.2
Reflow Soldering footprint
dimen S ion S
(mm)
B
A
D
C
Typical
sensing
traces
Size
Res. Range
L
W
H
l1
0201
5mΩ - 10mΩ
0.60 ±0.03
0.31 ±0.04
0.30 ±0.05
0.15 ±0.06
0402
2.5mΩ
1.00 ±0.10
0.55 ±0.10
0.30 ±0.10
0.25 ±0.10
5mΩ ≤ R ≤ 10mΩ
1.00 ±0.10
0.55 ±0.10
Max. 0.30
0.25 ±0.10
12mΩ ≤ R ≤ 20mΩ 1.00 ±0.10
0.55 ±0.10
Max. 0.40
0.25 ±0.10
Size
A
B
C
D
0201 1.0 0.3 0.35 0.4
0402 2.0 0.4 0.8 0.6
l1
H
W
LVR02R005FER
Series
Size
02 = 0201
04 = 0402
RoHS Compliant
Tolerance
J = 5%
F = 1%
Tape
& reel
Ohms
5% in E24
values, 1% and
lower tolerances
available in E24
and E96 values
rev 10/17-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com