Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2185 Datasheet HTML 1Page - Micrel Semiconductor MIC2185 Datasheet HTML 2Page - Micrel Semiconductor MIC2185 Datasheet HTML 3Page - Micrel Semiconductor MIC2185 Datasheet HTML 4Page - Micrel Semiconductor MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2002
1
MIC2185
MIC2185
Micrel
MIC2185
Low Voltage Synchronous Boost PWM Control IC
Final Information
General Description
Micrel’s MIC2185 is a high efficiency synchronous boost
PWM control IC. With its wide input voltage range of 2.9V to
14V, the MIC2185 can be used to efficiently boost voltages in
1- or 2-cell Li Ion battery powered applications, as well as
fixed 3.3V and 5V systems. Its powerful 5
Ω output drivers
allow the MIC2185 to supply large output currents with the
selection of the proper external MOSFETs.
With it’s fixed frequency PWM architecture, and easily syn-
chronized drive, the MIC2185 is ideal for noise-sensitive
telecommunications applications. The nominal 400kHz oper-
ating frequency of the MIC2185 can be divided by two,
allowing the device to be externally synchronized to frequen-
cies below 400kHz.
The MIC2185 also features a low current shutdown mode and
a programmable undervoltage lockout. A skipped pulse mode
of operation can be manually set to achieve higher efficien-
cies at light load conditions.
The MIC2185 is available in a 16 pin SOIC package and 16
pin QSOP package with an ambient temperature operating
range from –40
°C to 85°C.
Typical Application
VINA
EN/UVLO
FREQ/2
VDD
COMP
VREF
SYNC
SKIP
SS
MIC2185
SGND
OUTP
VINP
FB
CIN
COUT
VOUT = 5V
OUTN
CSH
VIN = 3.3V
PGND
5
12
9
13
6
16
14
3
2
11
8
4
10
15
7
1
Si9803DY (x2)
Si4884DY (x2)
2.4
µH
8m
Ω
70
75
80
85
90
95
100
012
34
5
OUTPUT CURRENT (A)
5V Output Efficiency
V
IN = 3.3V
200kHz PWM
Adjustable Output Synchronous Boost Converter
Features
• Input voltage range: 2.9V to 14V
• 95% efficiency
• Oscillator frequency of 200kHz/400kHz
• Frequency sync to 600kHz
• 0.5
µA shutdown current
• Two 5
Ω output drivers
• Front edge blanking
• PWM Current Mode Control
• Cycle-by-Cycle current limiting
• Frequency foldback protection
• Adjustable under-voltage lockout
• Precision 1.245V reference output
• 16 pin SOIC narrow body package and 16 pin QSOP
package
Applications
• 3.3V to 5V conversion in telecom systems
• Satellite Phones
• Cable Modems
• 1-and 2-cell Li Ion battery operated equipment
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Frequency Voltage
Junction Temp. Range
Package
MIC2185BM
200/400kHz
Adj
–40
°C to +125°C
16-lead SOP
MIC2185BQS
200/400kHz
Adj
–40
°C to +125°C
16-lead QSOP


Similar Part No. - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BM MICREL-MIC2185BM Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BQS MICREL-MIC2185BQS Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
More results

Similar Description - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com