Electronic Components Datasheet Search
  English  ▼

X  

MIC2185 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2185 Datasheet HTML 1Page - Micrel Semiconductor MIC2185 Datasheet HTML 2Page - Micrel Semiconductor MIC2185 Datasheet HTML 3Page - Micrel Semiconductor MIC2185 Datasheet HTML 4Page - Micrel Semiconductor MIC2185 Datasheet HTML 5Page - Micrel Semiconductor MIC2185 Datasheet HTML 6Page - Micrel Semiconductor MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2185
Micrel
MIC2185
2
May 2002
Pin Description
Pin Number
Pin Name
Pin Function
1
VINA
Input voltage to control circuitry (2.9V to 14V).
2
SKIP
Skip (Input): Regulator operates in PWM mode (no pulse skipping) when pin
is pulled low, and skip mode when raised to VDD. There is no automatic
switching between PWM and skip mode available on this device.
3
SS
Soft Start (External Component) : Reduces the inrush current and delays
and slows the output voltage rise time. A 5
µA current source will charge the
capacitor up to VDD.
4
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
5
SGND
Small Signal Ground (Return) : Must be routed separately from other
grounds to the (–) terminal of C
OUT.
6
FB
Feedback (Input) : Regulates FB to 1.245V.
7
EN/UVLO
Enable/Undervoltaqe Lockout (Input): A low level on this pin will power down
the device, reducing the quiescent current to under 0.5
µA. This pin has two
separate thresholds, below 1.5V (typical) the output switching is disabled,
and below 0.9V (typical) the device is forced into a complete micropower
shutdown. The 1.5V threshold functions as an accurate undervoltage lockout
(UVLO) with 140mV hysteresis.
8
VREF
Voltage Reference (Output) : The 1.245V reference is available on this pin.
A 0.1
µF capacitor should be connected form this pin to SGnd.
9
CSH
Current Sense (Input) : The (+) input to the current limit comparator. A built
in offset of 100mV (typical) between CSH and SGnd in conjunction with the
current sense resistor sets the current limit threshold level. This is also the
(+) input to the current amplifier.
10
VDD
3V Internal Linear-Regulator (Output) : VDD is also the supply voltage bus
for the chip. Bypass to SGND with 1
µF. Maximum source current is 0.5mA.
11
SYNC
Frequency Synchronization (Input): Connect an external clock signal to
synchronize the oscillator. Leading edge of signal above 1.4V (typical) starts
switching cycle. Connect to SGND if not used.
12
PGND
MOSFET Driver Power Ground (Return) : Connects bottom of current sense
resistor and the (–) terminal of C
IN.
13
OUTN
N-Channel Drive (Output) : High current drive for n-channel MOSFET.
Voltage swing is from ground to V
INP. On-resistance is typically 5Ω.
14
OUTP
P-Channel Drive (Output) : High current drive for the synchronous p-channel
MOSFET. Voltage swing is from ground to V
INP. On-resistance is typically
5
Ω.
15
FREQ/2
Frequency Divider (Input) : When this pin is low, the oscillator frequency is
400KHz. When this pin is raised to VDD, the oscillator frequency is 200KHz.
16
VINP
Gate Drive Voltage (Input) : This is the power input to the gate drive circuitry
(2.9V to 14V). This pin is typically connected to the output voltage to
enhance gate drive.
Pin Configuration
1
VINA
SKIP
SS
COMP
SGND
FB
EN/UVLO
VREF
16 VINP
FREQ/2
OUTP
OUTN
PGND
SYNC
VDD
CSH
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-pin Narrow Body SOP (M)
16-pin QSOP (QS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com