Electronic Components Datasheet Search
  English  ▼

X  

SC5389 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5389
Description  5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5389 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5389 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silan
Semiconductors
SC5389
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
10
V
Operating Temperature
Topr
-20 ~ 75
°C
Storage Temperature
Tstg
-40 ~ 125
°C
Input Voltage
Vi
-0.3 ~ Vcc+0.3
V
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vcc=9V, Vi=1Vrms, f=1kHz)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
Vcc
--
5
9
9.5
V
Supply Current
Icc
Vcc = 9V, Vi = 0V, Flat mode
--
25
--
mA
Maximum Output Voltage
VOM
Vcc = 9V
2.5
--
--
Vrm
Output Noise
VNO
Vcc = 9V, Vi = 0V
BW = 20~20kHz A - Weighting
--
--
-90
dB
Total Harmonic Distortion
THD
Vcc = 9V, Vi = 0.2Vrms
BW = 20~20kHz
--
--
0.01
%
Input Impedance
RIN
Vcc = 9V
--
100
--
k
Ω
Output Impedance
ROUT
Vcc = 9V
--
40
--
Ω
High Level Input Voltage
VIH
Vcc = 9V
--
--
0.7Vcc
V
Low Level Input Voltage
VIL
Vcc = 9V
0.3Vcc
--
--
V
Maximum Input Voltage
VIMAX
Vcc = 9V, Flat mode, BB & 3D Off
--
--
2.0
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com