Electronic Components Datasheet Search
  English  ▼

X  

SC5389 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC5389
Description  5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5389 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC5389 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5389 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Silan
Semiconductors
SC5389
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
PIN DESCRIPTION
Pin
No
Symbol
I/O
Function
1
INL
I
Left channel input
2BL1
--
Left bass control pin 1.
A capacitor may be connected between this pin and BL2.
3BL2
--
Left bass control pin 2.
A capacitor may be connected between this pin and BL1.
4TL
--
Left treble control pin.
A capacitor may be connected between this pin and OUTL.
5
OUTL
O
Left channel output pin
6
Vcc
--
Positive supply voltage
7
BIAS
--
A capacitor may be connected between this pin and GND.
8
GND
--
Ground
9
SEL
I
Select control pin
10
MUTE
--
Mute pin.
The mute pin can eliminate the noise when mode changing occurs.
A capacitor may be connected between this pin and GND.
11
CYC
I
Cyclic select pin
12
BB
I
Bass booster control input pin
13
3D
I/O
3D effect control input pin / output LED pin
14
BLED
O
Bass booster display pin
15
FLAT
I/O
Flat mode display & control input pin
16
ROCK
I/O
Rock mode display & control input pin
17
POPS
I/O
Pops mode display & control input pin
18
CLASSIC
I/O
Classic mode display & control input pin
19
JAZZ
I/O
Jazz mode display & control input pin
20
OUTR
O
Right channel output pin
21
TR
--
Right treble control pin
A capacitor is connected between this pin and OUTR.
22
BR2
--
Right bass control pin 2
A capacitor is connected between this pin and BR1
23
BR1
--
Right bass control pin1
A capacitor is connected between this pin and BR2
24
INR
I
Right channel input pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com