Electronic Components Datasheet Search
  English  ▼

X  

IRLR8103 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR8103
Description  N-Channel Application-Specific MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8103 Datasheet(HTML) 2 Page - International Rectifier

  IRLR8103 Datasheet HTML 1Page - International Rectifier IRLR8103 Datasheet HTML 2Page - International Rectifier IRLR8103 Datasheet HTML 3Page - International Rectifier IRLR8103 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.irf.com
2
IRLR8103/IRLR8503
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Diode Forward
V
SD
–
–
0.9
–
–
1.0
V
I
S = 15A‚, VGS = 0V
Voltage*
Reverse Recovery
Q
rr
–
100
–
–
89
–
di/dt ~ 700A/µs
nC
V
DS = 16V, VGS = 0V, IS = 15A
Reverse Recovery
Q
rr(s)
–
77
–
–
75
–
di/dt = 700A/µs
Charge (with Parallel
(with 10BQ040)
Schottky)
„
V
DS = 16V, VGS = 0V, IS = 15A
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Drain-to-Source
BV
DSS
30
––30
–
–
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(ON)
–
6
7.0
12
16
m
Ω V
GS = 10V, ID = 15A‚
on Resistance*
–
7
8.5
14
18
m
Ω V
GS = 4.5V, ID = 15A‚
Gate Threshold Voltage*
V
GS(th)
2.0
–
–
1.0
–
–
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
–
–
30
–
–
30
V
DS = 24V, VGS = 0
Current*
–
–
150
–
–
150
µA
V
DS = 24V, VGS = 0,
Tj = 100°C
Gate-Source Leakage
I
GSS
–
–
±100
–
–
±100
nA
V
GS = ±20V
Current*
Total Gate Chg Cont FET*
Q
G
–
50–
–15–
V
GS=5V, ID=15A, VDS=16V
Total Gate Chg Sync FET*
Q
G
–
45–
–13–
V
GS = 5V, VDS< 100mV
Pre-Vth
Q
GS1
–
17
–
–
3.7
–
V
DS = 16V, ID = 15A
Gate-Source Charge
Post-Vth
Q
GS2
–
4.3
–
–
1.3
–
nC
Gate-Source Charge
Gate to Drain Charge
Q
GD
–
16
–
–
4.1
–
Switch Chg(Q
gs2 + Qgd)*
Q
sw
–
20.3
–
–
5.4
–
Output Charge*
Q
oss
–
23–
–23–
V
DS = 16V, VGS = 0
Gate Resistance
R
G
–
1.5
–
–
2.0
–
Ω
Turn-on Delay Time
t
d(on)
–
TBD
–
–
TBD
–
V
DD = 16V, ID = 15A
Rise Time
t
r
–
TBD
–
–
TBD
–
ns
V
GS = 5V
Turn-off Delay Time
t
d (off)
–
TBD
–
–
TBD
–
Clamped Inductive Load
Fall Time
t
f
–
TBD
–
–
TBD
–
See test diagram Fig 19.
Input Capacitance
C
iss
–
TBD
–
–
TBD
–
Output Capacitance
C
oss
–
TBD
–
–
TBD
–
pF
V
DS = 16V, VGS = 0
Reverse Transfer Capacitance C
rss
–
TBD
–
–
TBD
–
Electrical Characteristics
Source-Drain Rating & Characteristics
IRLR8103
IRLR8503
Charge
„
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
„
Typ = measured - Q
oss
… Calculated continuous current based on maximum allowable
Junction temperature; packagle limitation current = 20A
*
Devices are 100% tested to these parameters.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com