Electronic Components Datasheet Search
  English  ▼

X  

IRLR8103 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR8103
Description  N-Channel Application-Specific MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8103 Datasheet(HTML) 1 Page - International Rectifier

  IRLR8103 Datasheet HTML 1Page - International Rectifier IRLR8103 Datasheet HTML 2Page - International Rectifier IRLR8103 Datasheet HTML 3Page - International Rectifier IRLR8103 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.irf.com
1
IRLR8103/IRLR8503
Parameter
Symbol
IRLR8103
IRLR8503
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±20
Continuous Drain or Source
T
A = 25°C
I
D
89
…
49
…
Current (V
GS ≥ 10V)
T
L = 90°C
61
…
34
…
A
Pulsed Drain Current

I
DM
350
196
Power Dissipation
T
A = 25°C
P
D
89
62
W
T
L = 90°C
42
30
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)
I
S
89
…
49
…
A
Pulsed Source Current

I
SM
350
196
• N-Channel Application-Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• Minimizes Parallel MOSFETs for high current
applications
Description
These new devices employ advanced HEXFET® power
MOSFET technology to achieve an unprecedented balance
of on-resistance and gate charge.The reduced conduction
and switching losses make them ideal for high efficiency
DC-DC converters that power the latest generation of
microprocessors.
Both the IRLR8103 and IRLR8503 have been optimized
and are 100% tested for all parameters that are critical in
synchronous buck converters including R
DS(on), gate charge
and Cdv/dt-induced turn-on immunity.The IRLR8103 offers
particulary low R
DS(on) and high Cdv/dt immunity for
synchronous FET applications. The IRLR8503 offers an
extremely low combination of Q
sw & RDS(on) for reduced
losses in control FET applications.
The package is designed for vapor phase, infrared,
convection, or wave soldering techniques. Power
dissipation of greater than 80W is possible in a typical PCB
mount application.
HEXFET® Chipset for DC-DC Converters
IRLR8103
IRLR8503
V
DS
30V
30V
R
DS(on)
6 m
Ω
12 m
Ω
Q
G
45 nC
15 nC
Q
sw
20.3 nC
5.4 nC
Q
oss
23 nC
23 nC
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient PCB
ƒ
R
θJA
50
°C/W
Maximum Junction-to-Case
R
θJC
1.4
2.0
°C/W
Thermal Resistance
DEVICE RATINGS (typ.)
IRLR8103/IRLR8503
S
D
G
D-Pak
Provisional Data Sheet
Revised 1/13/00
PD - 93838
PD - 93839


Similar Part No. - IRLR8103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
N-Channel Application-Specific MOSFETs
logo
Kersemi Electronic Co.,...
IRLR8103V KERSEMI-IRLR8103V Datasheet
783Kb / 8P
N-Channel Application-Specific MOSFETs
logo
Inchange Semiconductor ...
IRLR8103V ISC-IRLR8103V Datasheet
250Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLR8103VPBF IRF-IRLR8103VPBF Datasheet
205Kb / 8P
N-Channel Application-Specific MOSFETs
IRLR8103VPBF IRF-IRLR8103VPBF Datasheet
214Kb / 9P
Simple Drive Requirements
More results

Similar Description - IRLR8103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
N-Channel Application-Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV_05 Datasheet
111Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
N Channel Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
N Channel Application Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
N-Channel Application-Specific MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com