Electronic Components Datasheet Search
  English  ▼

X  

MPQ4491M Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ4491M
Description  Smart, Single USB Charging Port Power Converter with Selectable Frequency for Automotive, AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4491M Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ4491M Datasheet HTML 2Page - Monolithic Power Systems MPQ4491M Datasheet HTML 3Page - Monolithic Power Systems MPQ4491M Datasheet HTML 4Page - Monolithic Power Systems MPQ4491M Datasheet HTML 5Page - Monolithic Power Systems MPQ4491M Datasheet HTML 6Page - Monolithic Power Systems MPQ4491M Datasheet HTML 7Page - Monolithic Power Systems MPQ4491M Datasheet HTML 8Page - Monolithic Power Systems MPQ4491M Datasheet HTML 9Page - Monolithic Power Systems MPQ4491M Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MPQ4491M–SMART, SINGLE USB CHARGING PORT POWER CONVERTER
WITH SELECTABLE FREQUENCY FOR AUTOMOTIVE, AEC-Q100 QUALIFIED
MPQ4491M Rev. 1.01
www.MonolithicPower.com
6
6/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TJ = -40°C to +125°C
(6). Typical value is tested at T
J = +25°C, unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.2V/1.2V Mode
DP/DM output voltage
VDP/DM_1.2V
VOUT = 5V, TJ = +25°C
1.16
1.25 1.34
V
VOUT = 5V, TJ = -40°C to +125°C
1.15
1.25 1.35
DP/DM output impedance
RDP/DM_1.2V
TJ = +25°C
55
68
80
kΩ
TJ = -40°C to +125°C
50
68
93
NOTES:
6) All min/max parameters are tested at TJ = 25
oC. Limits over temperature are guaranteed by design, characterization, and correlation.
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com