Electronic Components Datasheet Search
  English  ▼

X  

MPQ4491M Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4491M
Description  Smart, Single USB Charging Port Power Converter with Selectable Frequency for Automotive, AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4491M Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4491M Datasheet HTML 9Page - Monolithic Power Systems MPQ4491M Datasheet HTML 10Page - Monolithic Power Systems MPQ4491M Datasheet HTML 11Page - Monolithic Power Systems MPQ4491M Datasheet HTML 12Page - Monolithic Power Systems MPQ4491M Datasheet HTML 13Page - Monolithic Power Systems MPQ4491M Datasheet HTML 14Page - Monolithic Power Systems MPQ4491M Datasheet HTML 15Page - Monolithic Power Systems MPQ4491M Datasheet HTML 16Page - Monolithic Power Systems MPQ4491M Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MPQ4491M–SMART, SINGLE USB CHARGING PORT POWER CONVERTER
WITH SELECTABLE FREQUENCY FOR AUTOMOTIVE, AEC-Q100 QUALIFIED
MPQ4491M Rev. 1.01
www.MonolithicPower.com
13
6/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
USB CURRENT-LIMIT SWITCH SECTION:
Current-Limit Switch
The MPQ4491M integrates a single-channel,
USB current-limit switch that provides built-in,
soft-start circuitry that controls the rising slew
rate of the output voltage to limit inrush current
and voltage surges.
When the load current reaches the current-limit
threshold (typically 2.75A), the USB power
MOSFET switches into foldback current-limit
mode, 70% of the current limit (see Figure 4). If
the over-current limit condition lasts longer than
3ms, the chip enters hiccup mode with a 3ms
on time and an 8.5s off time.
Figure 4: Over-Current Limit
During VIN or EN start-up, the CC load current
cannot exceed 70% of the current limit to avoid
triggering a foldback current limit and causing a
start-up failure.
Output Line Drop Compensation
The MPQ4491M can compensate for an output
voltage drop, such as high impedance caused
by a long trace, to maintain a fairly constant 5V
load-side voltage.
The MPQ4491M uses the internal current-
sense output voltage of the current-limit switch
to compensate for the line drop voltage. Since
the trace resistance varies for different cables,
the MPQ4491M provides selectable line drop
compensation through VDROP. The line drop
compensation amplitude increases linearly as
the load current increases, and also has an
upper limitation.
USB Output Over-Voltage Protection (OVP)
The USB switch’s output uses a dynamic over-
voltage protection (OVP) threshold to protect
the
device
at
its
cable
terminal.
The
MPQ4491M adjusts the OVP threshold based
on different USB loading currents.
The MPQ4491M uses intelligent line drop
compensation and a dynamic over-voltage
protection control scheme to ensure that the
voltage at the cable terminal meets the 4.75V-
5.25V specification.
USB Output Discharge
The USB portion involves a discharge function
that provides a resistive discharge path for the
external output capacitor. The function is active
when the part is disabled (input voltage is under
UVLO, enable off), and is done in a very limited
amount of time.
Auto-Detection
The MPQ4491M integrates the USB dedicated
charging port auto-detect function, which
recognizes most mainstream portable devices.
It supports the following charging schemes:
 USB battery charging specification BC1.2/
Chinese
Telecommunications
Industry
Standard YD/T 1591-2009
 Divider mode
 1.2V/1.2V mode
The auto-detect function is a state machine that
supports all of the DCP charging schemes
above.
For MPQ4491MGRE and MPQ4491MGRE-
AEC1, after power startup, it will enter default
divider mode, output voltage is 5.05V with full
line drop compensation. If it enters BC1.2 short
mode or 1.2V/1.2V mode, output voltage will
change
to
5.25V
with
half
line
drop
compensation. By doing this, the device uses
BC1.2 mode or 1.2V/1.2V mode that can
charge at its full rated current.
For MPQ4491MGR and MPQ4491MGR-AEC1,
the output voltage is always 5.05V with full line
drop compensation no matter which charging
mode it is.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
165°C, the entire chip shuts down. When the
temperature falls below its lower threshold,
typically 145°C, the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com