Electronic Components Datasheet Search
  English  ▼

X  

LE-CW-E2B Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LE-CW-E2B
Description  OSTAR짰 - Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-CW-E2B Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LE-CW-E2B Datasheet HTML 2Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 3Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 4Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 5Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 6Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 7Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 8Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 9Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2009-08-06
6
LE CW E2B
Farbtemperatur: 3000K
Color temperature: 3000K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
TU
0.443
0.421
SU
0.430
0.417
0.447
0.430
0.434
0.425
0.461
0.435
0.447
0.430
0.456
0.426
0.443
0.421
TT
0.435
0.403
ST
0.422
0.399
0.443
0.421
0.430
0.417
0.456
0.426
0.443
0.421
0.447
0.408
0.435
0.403
TS
0.426
0.385
SS
0.415
0.381
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
0.437
0.389
0.426
0.385
TR
0.422
0.376
SR
0.411
0.373
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
0.433
0.380
0.422
0.376
Farbtemperatur: 3500K
Color temperature: 3500K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
RU
0.415
0.409
QU
0.400
0.401
0.418
0.417
0.402
0.410
0.434
0.425
0.418
0.417
0.430
0.417
0.415
0.409
RT
0.408
0.392
QT
0.394
0.385
0.415
0.409
0.400
0.401
0.430
0.417
0.415
0.409
0.422
0.399
0.408
0.392
RS
0.402
0.375
QS
0.389
0.369
0.408
0.392
0.394
0.385
0.422
0.399
0.408
0.392
0.415
0.381
0.402
0.375
RR
0.399
0.367
QR
0.386
0.361
0.402
0.375
0.389
0.369
0.415
0.381
0.402
0.375
0.411
0.373
0.399
0.367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com