Electronic Components Datasheet Search
  English  ▼

X  

LE-CW-E2B Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LE-CW-E2B
Description  OSTAR짰 - Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-CW-E2B Datasheet(HTML) 5 Page - OSRAM GmbH

  LE-CW-E2B Datasheet HTML 1Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 2Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 3Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 4Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 5Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 6Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 7Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 8Page - OSRAM GmbH LE-CW-E2B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LE CW E2B
2009-08-06
5
Farbortgruppen
4) Seite 18
Chromaticity coordinate groups
4) page 18
Farbtemperatur: 2700K
Color temperature: 2700K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
VU
0.469
0.429
UU
0.456
0.426
0.474
0.438
0.461
0.435
0.487
0.441
0.474
0.438
0.481
0.432
0.469
0.429
VT
0.459
0.410
UT
0.447
0.408
0.469
0.429
0.456
0.426
0.481
0.432
0.469
0.429
0.470
0.413
0.459
0.410
VS
0.448
0.392
US
0.437
0.380
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
0.459
0.394
0.448
0.392
VR
0.443
0.383
UR
0.433
0.380
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
0.454
0.385
0.443
0.383
OHA03749
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
3500 K
4000 K
4500 K
3000 K
2700 K
M
N
O
P
Q
R
S T
U V
R
S
T
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com