Electronic Components Datasheet Search
  English  ▼

X  

MP4030A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4030A
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4030A Datasheet HTML 4Page - Monolithic Power Systems MP4030A Datasheet HTML 5Page - Monolithic Power Systems MP4030A Datasheet HTML 6Page - Monolithic Power Systems MP4030A Datasheet HTML 7Page - Monolithic Power Systems MP4030A Datasheet HTML 8Page - Monolithic Power Systems MP4030A Datasheet HTML 9Page - Monolithic Power Systems MP4030A Datasheet HTML 10Page - Monolithic Power Systems MP4030A Datasheet HTML 11Page - Monolithic Power Systems MP4030A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP4030A—PRIMARY-SIDE-CONTROL, OFFLINE, LED CONTROLLER WITH PFC
MP4030A Rev.1.01
www.MonolithicPower.com
8
9/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =120VAC/60Hz, 7 LEDs in series, IO=350mA, VO=21V, LP=1.6mH, NP:NS:NAUX =82:16:19, TRIAC
dimmable.
Conducted EMI
Based on Line L
Conducted EMI
Based on Line N
Dimming Curve
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105 110 115 120 125 130 135
-2.0
-1.0
0.0
1.0
2.0
105 110 115 120 125 130 135
0
10
20
30
40
50
60
70
80
90
100
105 110 115 120 125 130 135
0
50
100
150
200
250
300
350
400
0 10 20 3040506070 8090 100
9 kHz
100 kHz
120
110
EN550150
EN55015A
100
90
80
70
60
50
40
30
20
10
0
1 MHz
10 MHz
PK
CLRWR
2AV
CLRWR
30 MHz
SGL
TDS
6DB
VIN
250V/div.
VOUT
10V/div.
ILED
200mA/div.
IIN
100mA/div.
Steady State
VCOMP
2V/div.
VZCD
2V/div.
VMULT
1V/div.
VS
500mV/div.
VD
10V/div.
VCC
20V/div.
VMULT
1V/div.
ILED
200mA/div.
Steady State
VIN Start-Up
THD
PF
9 kHz
100 kHz
120
110
EN550150
100
90
80
70
60
50
40
30
20
10
0
1 MHz
10 MHz
PK
CLRWR
2AV
CLRWR
30 MHz
SGL
TDS
6DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com