Electronic Components Datasheet Search
  English  ▼

X  

MP4033 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4033
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4033 Datasheet HTML 12Page - Monolithic Power Systems MP4033 Datasheet HTML 13Page - Monolithic Power Systems MP4033 Datasheet HTML 14Page - Monolithic Power Systems MP4033 Datasheet HTML 15Page - Monolithic Power Systems MP4033 Datasheet HTML 16Page - Monolithic Power Systems MP4033 Datasheet HTML 17Page - Monolithic Power Systems MP4033 Datasheet HTML 18Page - Monolithic Power Systems MP4033 Datasheet HTML 19Page - Monolithic Power Systems MP4033 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
16
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP4033 is a TRIAC-dimmable primary-side–
control, offline LED controller designed for high-
performance
LED
lighting.
The
MP4033
accurately controls the LED current using the
real-current–control method based on primary-
side information. The adaptive dimmer type
detection and phase-cut-based dimming control
bring good dimmer compatibility and deep
dimming range. It also achieves a high power
factor to eliminate noise pollution on the AC line.
The integrated VCC charging circuit achieves
fast start-up without any perceptible delay. The
programmable thermal current fold back function
prolongs the lifetime of the LED. With duty ratio
varies with dimming cycle, the DIM pin easily
supports color temperature and brightness
control for warm sunset dimming application. The
MP4033 is also available for analog dimming with
PWM input.
Boundary-Conduction Mode
During the external MOSFET on time (τON), the
rectified input voltage applied on the primary-side
inductor (Lm) makes the primary current thru Lm
increase linearly from zero to the peak value (Ipk),
then the external MOSFET turns off. The energy
stored in Lm forces the secondary side rectifier
diode to turn on, and the inductor current
decreases linearly from the peak value to zero.
VDS
VAC line +N V OUT
VAC line
Ip
Toff
Ton
turn on
VZCD
0
Inductor
current
Is/N
Figure 2: Boundary-Conduction Mode
When the current decreases to zero, the voltage
drop on the main MOSFET drain-to-source falls
and oscillates. The oscillation frequency is
determined by the primary side inductor and the
combined parasitic capacitances. The resonance
is reflected on the auxiliary winding (see Figure
2).
The zero-current detector generates the external
MOSFET turn-on signal when the ZCD voltage
falls below VZCD_T after a blanking time tZCD_LEB
and ensures the MOSFET turns on at a relatively
low voltage (see Figure 3).
Figure 3: Zero-Current Detector
As a result, there are relatively small primary
switching on losses and no secondary-diode
reverse-recovery losses. This ensures high
efficiency and low EMI noise.
Real-Current Control
The
proprietary
real-current–control
method
allows the MP4033 to control the secondary-side
LED current based on primary-side information.
The approximate output LED mean current can
be calculated as:
⋅
≈
⋅
REF
o
s
NV
I
2R
Where:
• N is the turn ratio of the primary side to the
secondary side,
• VREF is the internal reference voltage
(typically 0.414), and
• Rs is the sense resistor between the internal
MOSFET source and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com