Electronic Components Datasheet Search
  English  ▼

X  

MP4033 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP4033
Description  TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP4033 Datasheet HTML 17Page - Monolithic Power Systems MP4033 Datasheet HTML 18Page - Monolithic Power Systems MP4033 Datasheet HTML 19Page - Monolithic Power Systems MP4033 Datasheet HTML 20Page - Monolithic Power Systems MP4033 Datasheet HTML 21Page - Monolithic Power Systems MP4033 Datasheet HTML 22Page - Monolithic Power Systems MP4033 Datasheet HTML 23Page - Monolithic Power Systems MP4033 Datasheet HTML 24Page - Monolithic Power Systems MP4033 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4033 Rev. 1.0
www.MonolithicPower.com
24
10/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
MSOP-10
BOTTOM VIEW
0.030(0.75)
0.037(0.95)
0.043(1.10)MAX
0.002(0.05)
0.006(0.15)
FRONT VIEW
0.004(0.10)
0.008(0.20)
SIDE VIEW
GAUGE PLANE
0.010(0.25)
0.016(0.40)
0.026(0.65)
0
o-6o
SEATING PLANE
PIN 1 ID
(NOTE 5)
0.114(2.90)
0.122(3.10)
0.187(4.75)
0.199(5.05)
1
5
6
10
0.007(0.18)
0.011(0.28)
0.0197(0.50)BSC
0.114(2.90)
0.122(3.10)
TOP VIEW
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS
IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) PIN 1 IDENTIFICATION HAS THE HALF OR FULL CIRCLE OPTION.
6) DRAWING MEETS JEDEC MO-817, VARIATION BA.
7) DRAWING IS NOT TO SCALE.
RECOMMENDED LAND PATTERN
0.012(0.30)
0.0197(0.50)BSC
0.181(4.60)
0.040(1.00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com