Electronic Components Datasheet Search
  English  ▼

X  

MP8758HGL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8758HGL Datasheet HTML 12Page - Monolithic Power Systems MP8758HGL Datasheet HTML 13Page - Monolithic Power Systems MP8758HGL Datasheet HTML 14Page - Monolithic Power Systems MP8758HGL Datasheet HTML 15Page - Monolithic Power Systems MP8758HGL Datasheet HTML 16Page - Monolithic Power Systems MP8758HGL Datasheet HTML 17Page - Monolithic Power Systems MP8758HGL Datasheet HTML 18Page - Monolithic Power Systems MP8758HGL Datasheet HTML 19Page - Monolithic Power Systems MP8758HGL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
16
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
discharges the output, and tries to keep it within
the normal range. The part exits OVP when FB
falls below 105% of the target voltage.
If OTP occurs during OVP, the LS-FET turns off
and stops discharging the output until the silicon
temperature falls below 125°C.
When the feedback voltage falls below 60% of
the target voltage, the UVP comparator output
goes high. If the UV still occurs after a 12µs
delay, then hiccup mode is triggered.
Under-Voltage Lockout (UVLO)
The
MP8758H
has
under-voltage
lockout
protection (UVLO). When VCC is higher than
UVLO’s rising threshold voltage, the part powers
up, and shuts off when VCC falls below the
UVLO falling threshold voltage. This is called
non-latch protection. If an application requires a
higher UVLO, use two external resistors on EN to
adjust the input voltage UVLO (see Figure 9). It is
recommended to use the EN resistors to set the
UVLO falling threshold (VSTOP) above 4.2V. The
rising threshold (VSTART) should be set to provide
enough hysteresis to allow for any input supply
variations.
Figure 9: Adjustable UVLO
Thermal Shutdown
The MP8758H has thermal shutdown protection.
The junction temperature of the IC is monitored
internally. The converter shuts off if the junction
temperature
exceeds
the
threshold
value,
typically
150ºC.
This
is
called
non-latch
protection. Hysteresis is about 25ºC. Once the
junction temperature drops to about 125ºC, a soft
start is initiated.
Output Discharge
The MP8758H discharges the output when EN is
low, or when the controller is turned off by the
protection
functions
(UVLO
and
thermal
shutdown). The part uses an internal 6Ω
MOSFET to discharge the output.
EN Comparator
RUP
RDOWN
EN
MP8758H
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com