Electronic Components Datasheet Search
  English  ▼

X  

MP8764 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8764 Datasheet HTML 14Page - Monolithic Power Systems MP8764 Datasheet HTML 15Page - Monolithic Power Systems MP8764 Datasheet HTML 16Page - Monolithic Power Systems MP8764 Datasheet HTML 17Page - Monolithic Power Systems MP8764 Datasheet HTML 18Page - Monolithic Power Systems MP8764 Datasheet HTML 19Page - Monolithic Power Systems MP8764 Datasheet HTML 20Page - Monolithic Power Systems MP8764 Datasheet HTML 21Page - Monolithic Power Systems MP8764 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
18
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage-Large ESR Caps
For applications that electrolytic capacitor or POS
capacitor with a controlled output of ESR is set
as output capacitors. The output voltage is set by
feedback resistors R1 and R2. As figure 10
shows.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 10—Simplified Circuit of POS
Capacitor
First, choose a value for R2. R2 should be
chosen reasonably, a small R2 will lead to
considerable quiescent current loss while too
large R2 makes the FB noise sensitive. It is
recommended to choose a value within 5k -
50k
for R2, using a comparatively larger R2
when VOUT is low, and a smaller R2 when VOUT is
high. Then R1 is determined as follow with the
output ripple considered:
OUT
OUT
REF
REF
1
V
V
V
2
R1
R2
V
−
× ∆
−
=
×
(15)
OUT
V
∆
is the output ripple determined by equation
24.
Setting the Output Voltage-Small ESR Caps
R1
R2
Ceramic
SW
FB
VOUT
L
R9
R4
C4
Figure 11—Simplified Circuit of Ceramic
Capacitor
When low ESR ceramic capacitor is used in the
output, an external voltage ramp should be
added to FB through resistor R4 and capacitor
C4.The output voltage is influenced by ramp
voltage VRAMP besides resistor divider as shown
in figure 11. The VRAMP can be calculated as
shown in equation 7. R2 should be chosen
reasonably, a small R2 will lead to considerable
quiescent current loss while too large R2 makes
the FB noise sensitive. It is recommended to
choose a value within 5k -50k
for R2, using a
comparatively larger R2 when VOUT is low, and a
smaller R2 when VOUT is high. And the value of
R1 then is determined as follow:
9
R
4
R
2
R
V
V
V
2
R
1
R
)
AVG
(
FB
OUT
)
AVG
(
FB
+
−
−
=
(16)
The VFB(AVG) is the average value on the FB.
VFB(AVG) varies with the VIN, VOUT, and load
condition, etc.. Its value on the skip mode would
be lower than that of the PWM mode, which
means the load regulation is strictly related to the
VFB(AVG). Also the line regulation is related to the
VFB(AVG) ,if one wants to gets a better load or line
regulation, a lower VRAMP is suggested once it
meets equation 9.
For PWM operation, VFB(AVG) value can be
deduced from equation 17.
RAMP
REF
AVG
FB
V
V
V
×
+
=
2
1
)
(
(17)
Usually, R9 is set to 0 , and it can also be set
following equation 18 for a better noise immunity.
It also should be set to be 5 timers smaller than
R1//R2 to minimize its influence on VRAMP.
1
R1 R2
R9
5
R1 R2
×
<
×
+
(18)
Using equation 16 and 17 to calculate the output
voltage can be complicated. To simplify the
calculation of R1 in equation 11, a DC-blocking
capacitor CDC can be added to filter the DC
influence from R4 and R9. Figure 12 shows a
simplified
circuit
with
external
ramp
compensation and a DC-blocking capacitor. With
this capacitor, R1 can easily be obtained by
using equation 19 for PWM mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com